Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCKEL14PW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCKEL14PW
Description  2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCKEL14PW Datasheet(HTML) 3 Page - NXP Semiconductors

  PCKEL14PW Datasheet HTML 1Page - NXP Semiconductors PCKEL14PW Datasheet HTML 2Page - NXP Semiconductors PCKEL14PW Datasheet HTML 3Page - NXP Semiconductors PCKEL14PW Datasheet HTML 4Page - NXP Semiconductors PCKEL14PW Datasheet HTML 5Page - NXP Semiconductors PCKEL14PW Datasheet HTML 6Page - NXP Semiconductors PCKEL14PW Datasheet HTML 7Page - NXP Semiconductors PCKEL14PW Datasheet HTML 8Page - NXP Semiconductors PCKEL14PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Philips Semiconductors
PCKEL14
2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
Product data
Rev. 01 — 14 October 2002
3 of 15
9397 750 09564
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
4.
Ordering information
5.
Logic diagram
6.
Function table
[1]
On next negative transition of CLK or SCLK.
Table 2:
Ordering information
Type number
Package
Name
Description
Version
PCKEL14D
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
PCKEL14PW
TSSOP20
plastic thin shrink small outline package; 20 leads; body width 4.4 mm
SOT360-1
Fig 3.
Logic diagram.
CAUTION
All VCC and VEE pins must be connected to an appropriate power
supply to guarantee proper operation.
D
Q
1
2
3
4
5
6
7
8
9
10
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
1
0
19
16
15
14
12
EN
SCLK
CLK
CLK
SEL
002aaa218
13
VBB
MSC895
Table 3:
Function table
X = Don’t care.
CLK
SCLK
SEL
EN
Q
LX
LLL
H
X
LLH
XL
H
L
L
X
HHL
H
XXXH
L[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com