Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCKEL14PW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCKEL14PW
Description  2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCKEL14PW Datasheet(HTML) 1 Page - NXP Semiconductors

  PCKEL14PW Datasheet HTML 1Page - NXP Semiconductors PCKEL14PW Datasheet HTML 2Page - NXP Semiconductors PCKEL14PW Datasheet HTML 3Page - NXP Semiconductors PCKEL14PW Datasheet HTML 4Page - NXP Semiconductors PCKEL14PW Datasheet HTML 5Page - NXP Semiconductors PCKEL14PW Datasheet HTML 6Page - NXP Semiconductors PCKEL14PW Datasheet HTML 7Page - NXP Semiconductors PCKEL14PW Datasheet HTML 8Page - NXP Semiconductors PCKEL14PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PCKEL14
2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
Rev. 01 — 14 October 2002
Product data
1.
Description
The PCKEL14 is a low skew 1:5 clock distribution chip designed explicitly for low
skew clock distribution applications. The device can be driven by either a differential
or single-ended ECL, or if positive power supplies are used, PECL input signal. The
PCKEL14 is designed to operate in ECL or PECL mode for a voltage supply range of
−2.375 V to −3.8 V (or 2.375 V to 3.8 V).
The PCKEL14 features a multiplexed clock input to allow for the distribution of a lower
speed scan or test clock along with the high speed system clock. When LOW (or left
open and pulled LOW by the input pull-down resistor), the SEL pin will select the
differential clock input.
The common enable (EN) is synchronous, so that the outputs will only be
enabled/disabled when they are already in the LOW state. This avoids any chance of
generating a runt clock pulse when the device is enabled/disabled, as can happen
with an asynchronous control. The internal flip-flop is clocked on the falling edge of
the input clock, therefore all associated specification limits are referenced to the
negative edge of the clock input.
The VBB pin (an internally generated voltage supply) is available to this device only.
For single-ended conditions, the unused differential input is connected to VBB as a
switching reference voltage. VBB may also rebias AC-coupled inputs. When used,
decouple VBB and VCC via a 0.01 µF capacitor and limit current sourcing or sinking to
0.1 mA. When not used, VBB should be left open.
2.
Features
s 50 ps output-to-output skew at 3.3 V
s Synchronous enable/disable
s Multiplexed clock input
s ESD protection: > 2.5 kV HBM
s The PCK series contains temperature compensation
s PECL mode operating range: VCC = 2.375 V to 3.8 V, with VEE =0V
s NECL mode operating range: VCC = 0 V, with VEE = −2.375 V to −3.8 V
s Internal 75 k
Ω pull-down resistors on all inputs, plus a 37.5 kΩ pull-up on CLK
s Q output will default LOW with inputs open or at VEE
s Meets or exceeds JEDEC spec EIA/JESD78 IC latch-up test
s Moisture sensitivity level 1
s Flammability rating: UL-94 code V-0 @ 1/8”


Similar Part No. - PCKEL14PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCKEP14 PHILIPS-PCKEP14 Datasheet
351Kb / 15P
2.5 V/3.3 V 1:5 differential ECL/PECL/HSTL clock driver
Rev. 01-30 October 2002
PCKEP14D PHILIPS-PCKEP14D Datasheet
351Kb / 15P
2.5 V/3.3 V 1:5 differential ECL/PECL/HSTL clock driver
Rev. 01-30 October 2002
PCKEP14PW PHILIPS-PCKEP14PW Datasheet
351Kb / 15P
2.5 V/3.3 V 1:5 differential ECL/PECL/HSTL clock driver
Rev. 01-30 October 2002
More results

Similar Description - PCKEL14PW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC100ES6014 FREESCALE-MC100ES6014 Datasheet
261Kb / 8P
2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
MC100ES6056 FREESCALE-MC100ES6056 Datasheet
254Kb / 8P
2.5 V/3.3 V ECL/PECL/LVDS Dual Differential 2:1 Multiplexer
logo
NXP Semiconductors
PCKEP14 PHILIPS-PCKEP14 Datasheet
351Kb / 15P
2.5 V/3.3 V 1:5 differential ECL/PECL/HSTL clock driver
Rev. 01-30 October 2002
logo
ON Semiconductor
NB100LVEP222 ONSEMI-NB100LVEP222 Datasheet
117Kb / 10P
2.5 V/3.3 V 1:15 Differential ECL/PECL 첨1/첨2 Clock Driver
October, 2005??Rev. 9
logo
Texas Instruments
SN65LVEP11 TI-SN65LVEP11 Datasheet
273Kb / 10P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11_10 Datasheet
405Kb / 12P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11_101 TI-SN65LVEP11_101 Datasheet
454Kb / 13P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
logo
ON Semiconductor
MC10EL15 ONSEMI-MC10EL15_16 Datasheet
163Kb / 8P
5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
MC100LVEL14 ONSEMI-MC100LVEL14_16 Datasheet
158Kb / 7P
3.3 V ECL 1:5 Clock Distribution Chip
July, 2016 ??Rev. 10
logo
Renesas Technology Corp
MC100ES6014 RENESAS-MC100ES6014 Datasheet
646Kb / 9P
2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com