Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCKEL14PW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCKEL14PW
Description  2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCKEL14PW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCKEL14PW Datasheet HTML 2Page - NXP Semiconductors PCKEL14PW Datasheet HTML 3Page - NXP Semiconductors PCKEL14PW Datasheet HTML 4Page - NXP Semiconductors PCKEL14PW Datasheet HTML 5Page - NXP Semiconductors PCKEL14PW Datasheet HTML 6Page - NXP Semiconductors PCKEL14PW Datasheet HTML 7Page - NXP Semiconductors PCKEL14PW Datasheet HTML 8Page - NXP Semiconductors PCKEL14PW Datasheet HTML 9Page - NXP Semiconductors PCKEL14PW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Philips Semiconductors
PCKEL14
2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
Product data
Rev. 01 — 14 October 2002
6 of 15
9397 750 09564
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
[1]
Devices are designed to meet the DC specifications shown in this table, after thermal equilibrium has been established. The circuit is in
a test socket or mounted on a printed circuit board and transverse air flow greater than 500 LFPM is maintained.
[2]
Input and output parameters vary 1:1 with VCC. VEE can vary ±0.3 V.
[3]
Outputs are terminated through a 50
Ω resistor to V
CC − 2V.
[4]
VIHCMR(min) varies 1:1 with VEE, VIHCMR(max) varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the
differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies
between Vp-p(min) and 1 V.
Table 6:
Positive DC characteristics[1]
VCC = 3.3 V; VEE =0V [2]
Symbol
Parameter
Conditions
Tamb = −40 °C
Tamb = +25 °C
Tamb = +85 °C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
power supply current
-
32
40
-
32
40
-
34
42
mA
VOH
HIGH-level output
voltage
[3]
2125 2260 2420 2235 2345 2420 2275 2345 2420 mV
VOL
LOW-level output
voltage
[3]
1470 1605 1745 1490 1595 1680 1490 1595 1680 mV
VIH
HIGH-level input
voltage
single-ended
2110 -
2420 2135 -
2420 2135 -
2420 mV
VIL
LOW-level input
voltage
single-ended
1490 -
1825 1490 -
1825 1490 -
1825 mV
VBB
output voltage
reference
1.87
-
2.05
1.95
-
2.05
1.95
-
2.11
V
VIHCMR
HIGH-level input
voltage, common
mode range
(differential)
Vp-p < 500 mV [4]
1.3
-
2.9
1.2
-
2.9
1.2
-
2.9
V
Vp-p ≥ 500 mV
1.5
-
2.9
1.4
-
2.9
1.4
-
2.9
V
IIH
HIGH-level input
current
-
-
150
-
-
150
-
-
150
µA
IIL
LOW-level input
current
CLK
−300 -
-
−300 -
-
−300 -
-
µA
others
0.5
-
-
0.5
-
-
0.5
-
-
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com