Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCKEL14PW Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCKEL14PW
Description  2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCKEL14PW Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCKEL14PW Datasheet HTML 6Page - NXP Semiconductors PCKEL14PW Datasheet HTML 7Page - NXP Semiconductors PCKEL14PW Datasheet HTML 8Page - NXP Semiconductors PCKEL14PW Datasheet HTML 9Page - NXP Semiconductors PCKEL14PW Datasheet HTML 10Page - NXP Semiconductors PCKEL14PW Datasheet HTML 11Page - NXP Semiconductors PCKEL14PW Datasheet HTML 12Page - NXP Semiconductors PCKEL14PW Datasheet HTML 13Page - NXP Semiconductors PCKEL14PW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Philips Semiconductors
PCKEL14
2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
Product data
Rev. 01 — 14 October 2002
10 of 15
9397 750 09564
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
11. Package outline
Fig 6.
SO20 package outline (SOT163-1).
UNIT
A
max.
A1
A2
A3
bp
cD
(1)
E
(1)
(1)
eHE
LLp
Q
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
2.65
0.30
0.10
2.45
2.25
0.49
0.36
0.32
0.23
13.0
12.6
7.6
7.4
1.27
10.65
10.00
1.1
1.0
0.9
0.4
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
1.1
0.4
SOT163-1
10
20
w M
b p
detail X
Z
e
11
1
D
y
0.25
075E04
MS-013
pin 1 index
0.10
0.012
0.004
0.096
0.089
0.019
0.014
0.013
0.009
0.51
0.49
0.30
0.29
0.050
1.4
0.055
0.419
0.394
0.043
0.039
0.035
0.016
0.01
0.25
0.01
0.004
0.043
0.016
0.01
0
5
10 mm
scale
X
θ
A
A1
A2
HE
L p
Q
E
c
L
v M A
(A )
3
A
SO20: plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
97-05-22
99-12-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com