Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCKEL14PW Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCKEL14PW
Description  2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCKEL14PW Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCKEL14PW Datasheet HTML 4Page - NXP Semiconductors PCKEL14PW Datasheet HTML 5Page - NXP Semiconductors PCKEL14PW Datasheet HTML 6Page - NXP Semiconductors PCKEL14PW Datasheet HTML 7Page - NXP Semiconductors PCKEL14PW Datasheet HTML 8Page - NXP Semiconductors PCKEL14PW Datasheet HTML 9Page - NXP Semiconductors PCKEL14PW Datasheet HTML 10Page - NXP Semiconductors PCKEL14PW Datasheet HTML 11Page - NXP Semiconductors PCKEL14PW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Philips Semiconductors
PCKEL14
2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
Product data
Rev. 01 — 14 October 2002
8 of 15
9397 750 09564
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
9.
Dynamic characteristics
[1]
VEE can vary ±0.3 V.
[2]
Skews are specified for identical LOW-to-HIGH or HIGH-to-LOW transitions.
[3]
Vi(p-p)(min) is minimum input swing for which AC parameters are guaranteed.
Table 8:
AC characteristics
(VCC = 2.375 V to 3.8 V; VEE = 0 V) or (VCC =0V; VEE = −2.375 V to −3.8 V) [1]
Symbol
Parameter
Conditions
Tamb = −40 °C
Tamb = +25 °C
Tamb = +85 °C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
maximum toggle
frequency
see Figure 4
-
> 1-
-
> 1-
-
> 1-
GHz
tPLH
LOW-to-HIGH
propagation delay
CLK to Q (diff);
3.3 V
400
-
720
450
-
780
475
-
830
ps
CLK to Q (diff);
2.5 V
400
-
800
450
-
940
500
-
970
ps
tPHL
HIGH-to-LOW
propagation delay
CLK to Q (SE)
330
-
770
350
680
830
370
-
880
ps
SCLK to Q
330
-
770
350
680
830
370
-
880
ps
tSKEW
skew time
part-to-part
-
-
200
-
-
200
-
-
200
ps
within-device;
3.3 V
[2]
-
-
50
-
-
50
-
-
50
ps
within-device;
2.5 V
[2]
-
-
70
-
-
70
-
-
70
ps
tJITTER
cycle-to cycle jitter
-
0.2
< 1
-
0.2
< 1
-
0.2
< 1
ps
tsu
EN set-up time
0
-
-
0
-
-
0
-
-
ps
th
EN hold time
0
-
-
0
-
-
0
-
-
ps
Vi(p-p)
input swing CLK
[3]
150
-
1000
150
-
1000
150
-
1000 mV
tr/tf
output rise/fall times
Q pins
(20% - 80%);
3.3 V
230
-
500
230
-
500
230
-
500
ps
Q pins
(20% - 80%);
2.5 V
230
-
600
230
-
600
230
-
625
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com