Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCKEL14PW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCKEL14PW
Description  2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCKEL14PW Datasheet(HTML) 5 Page - NXP Semiconductors

  PCKEL14PW Datasheet HTML 1Page - NXP Semiconductors PCKEL14PW Datasheet HTML 2Page - NXP Semiconductors PCKEL14PW Datasheet HTML 3Page - NXP Semiconductors PCKEL14PW Datasheet HTML 4Page - NXP Semiconductors PCKEL14PW Datasheet HTML 5Page - NXP Semiconductors PCKEL14PW Datasheet HTML 6Page - NXP Semiconductors PCKEL14PW Datasheet HTML 7Page - NXP Semiconductors PCKEL14PW Datasheet HTML 8Page - NXP Semiconductors PCKEL14PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Philips Semiconductors
PCKEL14
2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
Product data
Rev. 01 — 14 October 2002
5 of 15
9397 750 09564
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
8.
Static characteristics
[1]
Devices are designed to meet the DC specifications shown in this table, after thermal equilibrium has been established. The circuit is in
a test socket or mounted on a printed circuit board and transverse air flow greater than 500 LFPM is maintained.
[2]
Input and output parameters vary 1:1 with VCC. VEE can vary +0.125 V to −1.3 V.
[3]
All loading with 50
Ω to V
CC − 2V.
[4]
Do not use VBB at VCC < 3.0 V.
[5]
VIHCMR(min) varies 1:1 with VEE, VIHCMR(max) varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the
differential input signal.
Table 5:
PECL DC characteristics[1]
VCC = 2.5 V; VEE =0V [2]
Symbol
Parameter
Conditions
Tamb = −40 °C
Tamb = +25 °C
Tamb = +85 °C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
power supply current
-
28
40
-
30
40
-
31
42
mA
VOH
HIGH-level output
voltage
[3]
1325 1460 1620 1435 1545 1620 1475 1545 1620 mV
VOL
LOW-level output
voltage
[3]
670
805
945
690
795
880
690
795
880
mV
VIH
HIGH-level input
voltage
single-ended
[4]
1310 -
1620 1335 -
1620 1335 -
1620 mV
VIL
LOW-level input voltage single-ended
[4]
690
-
1025 690
-
1025 690
-
1025 mV
VBB
output voltage
reference
1.07
-
1.25
1.15
-
1.25
1.15
-
1.31
V
VIHCMR
HIGH-level input
voltage, common mode
range (differential)
[5]
1.2
-
2.1
1.2
-
2.1
1.2
-
2.1
V
IIH
HIGH-level input current
-
-
150
-
-
150
-
-
150
µA
IIL
LOW-level input current
CLK
0.5
-
-
0.5
-
-
0.5
-
-
µA
CLK
−300 -
-
−300 -
-
−300 -
-
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com