Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCKEL14PW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCKEL14PW
Description  2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCKEL14PW Datasheet(HTML) 4 Page - NXP Semiconductors

  PCKEL14PW Datasheet HTML 1Page - NXP Semiconductors PCKEL14PW Datasheet HTML 2Page - NXP Semiconductors PCKEL14PW Datasheet HTML 3Page - NXP Semiconductors PCKEL14PW Datasheet HTML 4Page - NXP Semiconductors PCKEL14PW Datasheet HTML 5Page - NXP Semiconductors PCKEL14PW Datasheet HTML 6Page - NXP Semiconductors PCKEL14PW Datasheet HTML 7Page - NXP Semiconductors PCKEL14PW Datasheet HTML 8Page - NXP Semiconductors PCKEL14PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Philips Semiconductors
PCKEL14
2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
Product data
Rev. 01 — 14 October 2002
4 of 15
9397 750 09564
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
7.
Limiting values
[1]
Maximum ratings are those values beyond which device damage may occur.
Table 4:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
power supply
PECL mode;
VEE =0V
0
4.1
V
VEE
power supply
NECL mode;
VCC =0V
0
−4.1
V
VI
input voltage
PECL mode;
VEE =0V; VI ≤ VCC
0
4.1
V
NECL mode;
VCC =0V; VI ≥ VEE
0
−4.1
V
Io
output current
continuous
-
50
mA
surge
-
100
mA
IBB
VBB sink/source
−0.1
+0.1
mA
Tamb
ambient temperature
−40
+85
°C
Tstg
storage temperature
−65
+150
°C
Rth(j-a)
thermal resistance from junction to ambient
0 LFPM
-
90
°C/W
500 LFPM
-
60
°C/W
Rth(j-c)
thermal resistance from junction to case
std bd
30
35
°C/W
Tsld
soldering temperature
< 2 to 3 sec @ 248
°C
-
265
°C
ESDHBM
electrostatic discharge
Human Body Model;
1.5 k
Ω; 100 pF
-
>2.50
kV
ESDMM
electrostatic discharge
Machine Model;
0k
Ω; 200 pF
-
>100
V
ESCCDM
electrostatic discharge
Charge Device Model
-
>1000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com