Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4424 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4424
Description  6-Channel SD/ED/HD Video Filter with Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4424 Datasheet(HTML) 4 Page - Analog Devices

  ADA4424 Datasheet HTML 1Page - Analog Devices ADA4424 Datasheet HTML 2Page - Analog Devices ADA4424 Datasheet HTML 3Page - Analog Devices ADA4424 Datasheet HTML 4Page - Analog Devices ADA4424 Datasheet HTML 5Page - Analog Devices ADA4424 Datasheet HTML 6Page - Analog Devices ADA4424 Datasheet HTML 7Page - Analog Devices ADA4424 Datasheet HTML 8Page - Analog Devices ADA4424 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADA4424-6
Rev. C | Page 4 of 16
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Quiescent Supply Current, 5 V Supply
SD_ENABLE = high, HD_ENABLE = high,
RL = 100 kΩ, D1, D2, D3 = high, S = high
190
200
μA
SD_ENABLE = low, HD_ENABLE = low
5
15
μA
PSRR
ED/HD channels, output referred
−42
dB
SD channels, output referred
−41
dB
DC Offset
See Table 6 and Table 7
Input Referred, Offset Cancellation
Disabled Mode
OFFSET_ENB = low
SD Channels
Y_IN = 0 V dc
−60
−20
+60
mV
CVBS Channel
Y_IN = 0 V dc
−100
−40
+100
mV
ED/HD Channels
HY_IN = 0 V dc
−60
−20
+60
mV
Input Referred, Fixed Offset
Cancellation Mode
OFFSET_ENB = high, MODE1 = high
SD Fixed High Offset Mode
Y_IN = 1.0 V dc, MODE0 = low
−100
−30
+100
mV
ED/HD Fixed High Offset Mode
HY_IN = 1.1 V dc, MODE0 = low
−100
−38
+100
mV
SD Fixed Low Offset Mode
Y_IN = 0.33 V dc, MODE0 = high
−90
−17
+90
mV
ED/HD Fixed Low Offset Mode
HY_IN = 0.33 V dc, MODE0 = high
−100
−25
+100
mV
Input Referred, Auto Offset
Cancellation Mode
OFFSET_ENB = high, MODE1 = low
SD Auto Offset Mode
Sync Tip Sampling
Y_IN = 0 V to 1.0 V dc, MODE0 = low
−70
−36
+70
mV
ED/HD Auto Offset Mode
Sync Tip Sampling
HY_IN = 0 V to 1.1 V dc, MODE0 = low
−95
−46
+95
mV
SD Auto Offset Mode
Back Porch Sampling
Y_IN = 0 V to 1.0 V dc, MODE0 = high
−25
−6
+25
mV
ED/HD Auto Offset Mode
Back Porch Sampling
HY_IN = 0 V to 1.1 V dc, MODE0 = high
−25
−5
+25
mV
FC_SEL Input Logic Low Level
0
0.6
V
FC_SEL Input Logic High Level
1.2
VDD3
V
xD_ENABLE, OFFSET_ENB, MODEx
Input Logic Low Level
0
0.8
V
xD_ENABLE, OFFSET_ENB, MODEx
Input Logic High Level
2.0
VDD3
V
xD_ENABLE Assert Time
xD_ENABLE = low to high
95
ns
xD_ENABLE Deassert Time
xD_ENABLE = high to low
20
ns
xD_ENABLE Input Bias Current
Disabled, xD_ENABLE = low
6.1
μA
Input-to-Output Isolation
Disabled, xD_ENABLE = low, f = 5 MHz
−100
dB
D- and S-Terminal Input Logic
Low Level
RL = 100 kΩ
0
0.6
V
D- and S-Terminal Input Logic
Mid Level
RL = 100 kΩ
0.9
1.9
V
D- and S-Terminal Input Logic
High Level
RL = 100 kΩ
2.7
VDD3
V
D- and S-Terminal Input Logic Open
(Hi-Z) Resistance Value
RL = 100 kΩ
200
kΩ
D-Terminal (L1_OUT, L2_OUT, L3_OUT)
Low Level Output
VDD5 = 5.0 V, RL = 100 kΩ, D1, D2, D3 = low
0.0
V
D-Terminal (L1_OUT, L3_OUT) Mid
Level Output
VDD5 = 5.0 V, RL = 100 kΩ, D1, D3 = mid or open
2.1
V
D-Terminal (L1_OUT, L2_OUT, L3_OUT)
High Level Output
VDD5 = 5.0 V, RL = 100 kΩ, D1, D2, D3 = high
4.5
V
S-Terminal (S1/S2_OUT) Low Level
Output
VDD5 = 5.0 V, RL = 100 kΩ, S = low
0.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com