Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4424 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4424
Description  6-Channel SD/ED/HD Video Filter with Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4424 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4424 Datasheet HTML 7Page - Analog Devices ADA4424 Datasheet HTML 8Page - Analog Devices ADA4424 Datasheet HTML 9Page - Analog Devices ADA4424 Datasheet HTML 10Page - Analog Devices ADA4424 Datasheet HTML 11Page - Analog Devices ADA4424 Datasheet HTML 12Page - Analog Devices ADA4424 Datasheet HTML 13Page - Analog Devices ADA4424 Datasheet HTML 14Page - Analog Devices ADA4424 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADA4424-6
Rev. C | Page 11 of 16
APPLICATIONS INFORMATION
CVBS OUTPUT
The composite video signal (CVBS_OUT) is produced by
passively summing the Y and C channels (see Figure 1), after
amplification by their respective gain stages. Each signal
experiences a 6.2 dB loss from the passive summation and is
subsequently amplified by 6.2 dB in the fixed stage following
the summer. The net signal gain through the composite video
path is, therefore, 0 dB, and the resulting composite signal
present at the ADA4424-6 output is the sum of Y and C with
unity gain.
CORNER FREQUENCY SELECTION
The component channels of the ADA4424-6 allow for a 1 dB
filter corner frequency of either 25 MHz or 39 MHz/34 MHz.
The FC_SEL pin operates as described in Table 5.
Table 5. ED/HD Bandwidth Selection
FC_SEL (Pin 12)
HD/ED
−1 dB Corner Frequency (Typ)
Low (0)
ED
25 MHz
High (1)
HD
39 MHz (HY); 34 MHz (Pb, Pr)
INPUT DC OFFSET CANCELLATION
The luma channels (Y_IN, HY_IN) of the ADA4424-6 are capable
of detecting and cancelling dc input offsets of up to 1.1 V. Four
distinct modes of detection/cancellation are available. These are
selected via the MODE1 and MODE0 pins. The chroma (C_IN)
and color difference (HPb_IN, HPr_IN) inputs do not support
offset cancellation. It is recommended that these inputs be ac-
coupled.
Automatic Detection/Cancellation Mode
There are two modes of automatic operation. The primary mode
samples the input signal between the rising edge of the horizon-
tal sync pulse and the start of active video (back porch), averages
the value over the sampling interval, and subtracts it from the
output signal. This is the more accurate method and is able to
reduce the input-referred offsets to less than 25 mV.
An alternate method is available for copy-protected signals, where
sampling the back porch may not provide a reliable dc average.
This method detects the input negative sync tip, and clamps it
to a fixed value (−214 mV for SD, and −300 mV for ED/HD).
Sample intervals for SD and ED are shown in Figure 16, and
the HD sample intervals are shown in Figure 17.
BLACK LEVEL
SYNC TIP SAMPLE INTERVAL
BACK PORCH SAMPLE INTERVAL
Figure 16. Back Porch and Sync Tip Sample Intervals (SD/ED)
BLACK LEVEL
SYNC TIP SAMPLE INTERVAL
BACK PORCH SAMPLE INTERVAL
Figure 17. Back Porch and Sync Tip Sample Intervals (HD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com