Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4424 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4424
Description  6-Channel SD/ED/HD Video Filter with Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4424 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4424 Datasheet HTML 3Page - Analog Devices ADA4424 Datasheet HTML 4Page - Analog Devices ADA4424 Datasheet HTML 5Page - Analog Devices ADA4424 Datasheet HTML 6Page - Analog Devices ADA4424 Datasheet HTML 7Page - Analog Devices ADA4424 Datasheet HTML 8Page - Analog Devices ADA4424 Datasheet HTML 9Page - Analog Devices ADA4424 Datasheet HTML 10Page - Analog Devices ADA4424 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADA4424-6
Rev. C | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
D1
D2
D3
VDD3_SD
Y_IN
S
GND5
SD_ENABLE
C_IN
GND3
HPr_IN
FC_SEL
HY_IN
HPb_IN
HD_ENABLE
C1a
OFFSET_ENB
MODE0
VDD3_CP
L1_OUT
L2_OUT
L3_OUT
VSS_SD
Y_OUT
S1/S2_OUT
CVBS_OUT
C_OUT
GND3
HPr_OUT
HPb_OUT
VSS_HD
HY_OUT
VDD3_HD
GND_CP
C1b
C2/CP_OUT
MODE1
VDD5
ADA4424-6
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
Figure 3. Pin Configuration, Top View
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND5
Ground Pin for 5 V Supply.
2
D1
D-Terminal Vertical Resolution Selection Input.
3
D2
D-Terminal Scan Selection Input.
4
D3
D-Terminal Aspect Ratio Selection Input.
5
S
S-Terminal Aspect Ratio Selection Input.
6
Y_IN
SD Luma (Y) Input.
7
VDD3_SD
3.3 V Supply Pin for SD Filter Section.
8
SD_ENABLE
Output Enable Pin for SD (Y, C, CVBS).
9
C_IN
SD Chroma (C) Input.
10, 29
GND3
Ground Pins for 3.3 V Supply.
11
HY_IN
ED/HD Y Component Input.
12
FC_SEL
Filter Corner Frequency Selection Pin for HY, HPb, HPr Channels.
13
HPb_IN
ED/HD Pb Component Input.
14
HPr_IN
ED/HD Pr Component Input.
15
HD_ENABLE
Output Enable Pin for ED/HD (HY, HPb, HPr).
16
MODE0
This pin selects sync tip or back porch sampling when MODE1 = 0 and selects high or low fixed offset
subtraction when MODE1 = 1.
17
OFFSET_ENB
Offset Cancellation Enable Pin.
18
VDD3_CP
3.3 V Supply Pins for Charge Pump Section.
19, 21
C1a, C1b
Charge Pump Capacitor C1 Connection Pin.
20
GND_CP
Ground Pin for 3.3 V Charge Pump Supply.
22
C2/CP_OUT
Charge Pump Output Pin. Connect Capacitor C2 from this pin to ground.
23
MODE1
Selects Automatic or Fixed Offset Subtraction Mode.
24
VDD3_HD
3.3 V Supply Pin for ED/HD Filter Section.
25
HPr_OUT
ED/HD Pr Component Output.
26
HPb_OUT
ED/HD Pb Component Output.
27
VSS_HD
Negative Supply Pin for ED/HD Filter Section. This pin should be connected to the charge pump output
(Pin 22), as shown in Figure 18.
28
HY_OUT
ED/HD Y Component Output.
30
C_OUT
SD Chroma (C) Output.
31
CVBS_OUT
SD Composite Video (CVBS) Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com