Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4424 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4424
Description  6-Channel SD/ED/HD Video Filter with Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4424 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4424 Datasheet HTML 6Page - Analog Devices ADA4424 Datasheet HTML 7Page - Analog Devices ADA4424 Datasheet HTML 8Page - Analog Devices ADA4424 Datasheet HTML 9Page - Analog Devices ADA4424 Datasheet HTML 10Page - Analog Devices ADA4424 Datasheet HTML 11Page - Analog Devices ADA4424 Datasheet HTML 12Page - Analog Devices ADA4424 Datasheet HTML 13Page - Analog Devices ADA4424 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADA4424-6
Rev. C | Page 10 of 16
–20
–80
0.1
100
FREQUENCY (MHz)
110
–30
–40
–50
–60
–70
ALL HOSTILE
REFERRED TO INPUT
CVBS_OUT
Y_OUT
C_OUT
Figure 10. Crosstalk—SD Channels
45
0
0.1
100
FREQUENCY (MHz)
110
40
35
30
25
20
15
10
5
Y_OUT, C_OUT
CVBS_OUT
Figure 11. Group Delay—SD Channels
45
0
0.1
100
FREQUENCY (MHz)
110
40
35
30
25
20
15
10
5
Figure 12. Group Delay—HD Channels
–20
–80
0.1
100
FREQUENCY (MHz)
110
–30
–40
–50
–60
–70
ALL HOSTILE
REFERRED TO INPUT
HPb_OUT, HPr_OUT
HY_OUT
Figure 13. Crosstalk—ED and HD Channels
45
0
0.1
100
FREQUENCY (MHz)
110
40
35
30
25
20
15
10
5
Figure 14. Group Delay—ED Channels
–40
–120
0.1
100
FREQUENCY (MHz)
110
–50
–60
–70
–80
–90
–100
–110
VIN = 1.0V p-p
RL = 150Ω
SD_ENABLE = 0
HD_ENABLE = 0
Figure 15. Input-to-Output Isolation—All Channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com