Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4424 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4424
Description  6-Channel SD/ED/HD Video Filter with Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4424 Datasheet(HTML) 1 Page - Analog Devices

  ADA4424 Datasheet HTML 1Page - Analog Devices ADA4424 Datasheet HTML 2Page - Analog Devices ADA4424 Datasheet HTML 3Page - Analog Devices ADA4424 Datasheet HTML 4Page - Analog Devices ADA4424 Datasheet HTML 5Page - Analog Devices ADA4424 Datasheet HTML 6Page - Analog Devices ADA4424 Datasheet HTML 7Page - Analog Devices ADA4424 Datasheet HTML 8Page - Analog Devices ADA4424 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
6-Channel SD/ED/HD Video Filter with
Charge Pump
ADA4424-6
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009-2010 Analog Devices, Inc. All rights reserved.
FEATURES
3 SD channels; 18 MHz typical 1 dB bandwidth (BW)
3 ED/HD channels; 25 MHz or 34 MHz typical 1 dB BW
Fixed gain of 6.2 dB (2.042 V/V)
On-board negative supply for output coupling without
capacitors
Minimal dc offset at the output pins
Internal summation of Y and C channels for CVBS output
Flexible input dc offset cancellation for luma channels
D-terminal (EIAJ RC-5237 D5) and S-terminal (S1/S2) support
Capable of driving 2 back-terminated 75 Ω video loads
simultaneously
Separate power-down pins for SD and ED/HD sections
38-lead TSSOP package
Sony Green Partner Environmental Quality Approval
Program compliant
APPLICATIONS
DVD players and recorders
Set-top boxes
Projectors
Personal video recorders
FUNCTIONAL BLOCK DIAGRAM
LPF
LPF
LPF
LPF
LPF
CHARGE PUMP
POWER
MANAGEMENT
S
VSS_SD
VSS_HD
D/S
TERMINAL
CONTROL
HD_ENB
SD_ENB
+3.3V
+5V
L1
L2
L3
S1/S2
L1_OUT
L2_OUT
L3_OUT
S1/S2_OUT
Y_OUT
CVBS_OUT
C_OUT
HY_OUT
HPb_OUT
HPr_OUT
×2
×2
×2
×1
×1
C2
C1
+3.3V
D1
D2
D3
Y_IN
C_IN
MODE0
MODE1
OFFSET_ENB
HY_IN
HPb_IN
HPr_IN
FC_SEL
SD_ENABLE
HD_ENABLE
HD_ENB
SD_ENB
×2
×2
×2
×1
×1
ADA4424-6
OFFSET
CANCELLATION
×1
VDD3_SD
VDD3_HD
VDD5
C1a
C1b C2/CP_OUT
VDD3_CP
GND_CP
FC_SEL
FC_SEL
FC_SEL
Figure 1.
GENERAL DESCRIPTION
The ADA4424-6 is a high performance video reconstruction filter
specifically designed for consumer applications. It consists of a
standard definition (SD) section with two fifth-order Butterworth
filters and a high definition (HD) section with three fifth-order
filters. The SD section contains an internal Y/C summer for CVBS
output, whereas the HD section provides selectable corner
frequencies for either extended definition (ED) or HD signals.
The ADA4424-6 filter/buffer section operates from a single 3.3 V
supply. Full support for D-terminal (EIAJ RC-5237 D5) and S1/S2
signaling is provided, along with a dedicated 5 V supply pin.
Separate enable pins are provided for the SD and HD sections.
The luma channels (Y_IN, HY_IN) of the ADA4424-6 are
capable of detecting and cancelling dc input offsets of up to
1.1 V. Four distinct modes of detection/cancellation are
available.
The output drivers on the ADA4424-6 feature rail-to-rail outputs
with 6.2 dB gain. An on-board charge pump allows the outputs to
swing up to 1.4 V below ground, eliminating the need for large
coupling capacitors. Each output is capable of driving two 75 Ω
doubly terminated cables.
The ADA4424-6 is available in a 38-lead TSSOP and operates in
the industrial temperature range of −40°C to +85°C.


Similar Part No. - ADA4424

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4424-6 AD-ADA4424-6 Datasheet
256Kb / 16P
6-Channel SD/ED/HD Video Filter with Charge Pump
Rev. C
ADA4424-6ARUZ AD-ADA4424-6ARUZ Datasheet
256Kb / 16P
6-Channel SD/ED/HD Video Filter with Charge Pump
Rev. C
ADA4424-6ARUZ-R7 AD-ADA4424-6ARUZ-R7 Datasheet
256Kb / 16P
6-Channel SD/ED/HD Video Filter with Charge Pump
Rev. C
ADA4424-6ARUZ-RL AD-ADA4424-6ARUZ-RL Datasheet
256Kb / 16P
6-Channel SD/ED/HD Video Filter with Charge Pump
Rev. C
More results

Similar Description - ADA4424

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6418 STMICROELECTRONICS-STV6418 Datasheet
70Kb / 6P
Audio/video switch and 6-channel SD/PS/HD video filter
Jun-2008
logo
Analog Devices
ADA4420-6 AD-ADA4420-6 Datasheet
280Kb / 12P
Low Cost 6-Channel HD/SD Video Filter
REV. 0
logo
Texas Instruments
THS7368 TI-THS7368 Datasheet
978Kb / 39P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
logo
Fairchild Semiconductor
FMS6303 FAIRCHILD-FMS6303 Datasheet
653Kb / 12P
Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
logo
Texas Instruments
THS7360 TI-THS7360 Datasheet
802Kb / 41P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and High Gain
THS7360 TI-THS7360_1 Datasheet
967Kb / 43P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Fiters and High Gain
logo
STMicroelectronics
STV6418 STMICROELECTRONICS-STV6418_11 Datasheet
103Kb / 4P
Audio/video switch and 6-channel SD/PS/HD video filter
23-Sep-2011
STV6440 STMICROELECTRONICS-STV6440 Datasheet
101Kb / 4P
Audio/video buffer and 6-channel SD/PS/HD video filter
12-Aug-2011
logo
Fairchild Semiconductor
FMS6303 FAIRCHILD-FMS6303_12 Datasheet
768Kb / 12P
Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
logo
Texas Instruments
THS7368 TI1-THS7368_14 Datasheet
1,010Kb / 41P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com