Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4424 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4424
Description  6-Channel SD/ED/HD Video Filter with Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4424 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4424 Datasheet HTML 5Page - Analog Devices ADA4424 Datasheet HTML 6Page - Analog Devices ADA4424 Datasheet HTML 7Page - Analog Devices ADA4424 Datasheet HTML 8Page - Analog Devices ADA4424 Datasheet HTML 9Page - Analog Devices ADA4424 Datasheet HTML 10Page - Analog Devices ADA4424 Datasheet HTML 11Page - Analog Devices ADA4424 Datasheet HTML 12Page - Analog Devices ADA4424 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADA4424-6
Rev. C | Page 9 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VDD3 = 3.3 V, TA = 25°C, VO = 2.042 V p-p, RL = 150 Ω, dc-coupled outputs, unless otherwise noted. Charge pump configured as shown in
Figure 18.
10
–60
0.1
FREQUENCY (MHz)
110
100
0
–10
–20
–30
–40
–50
Y
CVBS
C
Figure 4. Frequency Response—SD Channels
0.1
1k
FREQUENCY (MHz)
1
10
100
HY
Pb
Pr
10
–60
0
–10
–20
–30
–40
–50
Figure 5. Frequency Response—ED Channels
10
–60
0.1
1k
FREQUENCY (MHz)
1
10
100
0
–10
–20
–30
–40
–50
Pr
Pb
HY
Figure 6. Frequency Response—HD Channels
0.5
–1.0
0.1
100
FREQUENCY (MHz)
110
0
–0.5
C
Y/CVBS
Figure 7. Frequency Response Peaking—SD Channels
0.5
–1.0
0.1
100
FREQUENCY (MHz)
110
0
–0.5
HY
Pr
Pb
Figure 8. Frequency Response Peaking—ED Channels
0.5
–1.0
0.1
100
FREQUENCY (MHz)
110
0
–0.5
HY
Pb/Pr
Figure 9. Frequency Response Peaking—HD Channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com