Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4424 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4424
Description  6-Channel SD/ED/HD Video Filter with Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4424 Datasheet(HTML) 5 Page - Analog Devices

  ADA4424 Datasheet HTML 1Page - Analog Devices ADA4424 Datasheet HTML 2Page - Analog Devices ADA4424 Datasheet HTML 3Page - Analog Devices ADA4424 Datasheet HTML 4Page - Analog Devices ADA4424 Datasheet HTML 5Page - Analog Devices ADA4424 Datasheet HTML 6Page - Analog Devices ADA4424 Datasheet HTML 7Page - Analog Devices ADA4424 Datasheet HTML 8Page - Analog Devices ADA4424 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADA4424-6
Rev. C | Page 5 of 16
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
S-Terminal (S1/S2_OUT) Mid Level
Output
VDD5 = 5.0 V, RL = 100 kΩ, S = mid or open
2.1
V
S-Terminal (S1/S2_OUT) High Level
Output
VDD5 = 5.0 V, RL = 100 kΩ, S = high
4.5
V
CHARGE PUMP CHARACTERISTICS
All channels operating; C1 = C2 = 4.7 μF, C3 = C4 =
1.0 μF, R1 = 1 Ω (see Figure 18)
Output Voltage
−1.66
V
Output Voltage Ripple
180
mV p-p
Output Ripple Frequency
100
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com