Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCVREFN Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ADCVREFN
Description  32-Bit AVR UC3 C Series Schematic Checklist
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ADCVREFN Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ADCVREFN Datasheet HTML 4Page - ATMEL Corporation ADCVREFN Datasheet HTML 5Page - ATMEL Corporation ADCVREFN Datasheet HTML 6Page - ATMEL Corporation ADCVREFN Datasheet HTML 7Page - ATMEL Corporation ADCVREFN Datasheet HTML 8Page - ATMEL Corporation ADCVREFN Datasheet HTML 9Page - ATMEL Corporation ADCVREFN Datasheet HTML 10Page - ATMEL Corporation ADCVREFN Datasheet HTML 11Page - ATMEL Corporation ADCVREFN Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
AVR32768
32157A-AVR-12/10
6 Clocks and crystal oscillators
There are three clock inputs available:
• XIN0 / XOUT0
• XIN1 / XOUT1
• XIN32 / XOUT32
The recommendations below refer to XIN / XOUT, but apply to all the clock inputs.
6.1 External clock source
Figure 6-1.
External clock source schematic.
Table 6-1.
External clock source checklist.
Signal name
Recommended pin connection
Description
XIN
Connected to clock output from external clock source
Up to VDDIO-volt square wave signal up to 50MHz
XOUT
Can be left unconnected or used as GPIO
6.2 Crystal oscillator
Figure 6-2.
Crystal oscillator example schematic.
Table 6-2.
Crystal oscillator checklist.
Signal name
Recommended pin connection
Description
XIN
Biasing capacitor, 22pF
(1)(2)
External crystal between 450kHz and 16MHz
XOUT
Biasing capacitor, 22pF
(1)(2)
Notes:
1. These values are given only as a typical example. The capacitance, C, of the biasing capacitors can be computed
based on the crystal load capacitance, CL, and the internal capacitance, Ci, of the MCU as follows:
C = 2(CL – Ci)
The value of CL can be found in the crystal datasheet and the value of Ci can be found in the MCU datasheet
2. Decoupling capacitor should be placed as close as possible to each pin in the signal group, and vias should be
avoided



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com