Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCVREFN Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ADCVREFN
Description  32-Bit AVR UC3 C Series Schematic Checklist
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ADCVREFN Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ADCVREFN Datasheet HTML 15Page - ATMEL Corporation ADCVREFN Datasheet HTML 16Page - ATMEL Corporation ADCVREFN Datasheet HTML 17Page - ATMEL Corporation ADCVREFN Datasheet HTML 18Page - ATMEL Corporation ADCVREFN Datasheet HTML 19Page - ATMEL Corporation ADCVREFN Datasheet HTML 20Page - ATMEL Corporation ADCVREFN Datasheet HTML 21Page - ATMEL Corporation ADCVREFN Datasheet HTML 22Page - ATMEL Corporation ADCVREFN Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
AVR32768
19
32157A-AVR-12/10
11 External bus interface
11.1 Static memory
11.1.1 16-bit static memory
Table 11-1.
16-bit static memory pin wiring.
GPIO line name
16-bit static memory
EBI-DATA[0:15]
D[0:15]
EBI-ADDR[1:23]
A[0:22]
EBI-ADDR[0]
(NBS0)
LBE
EBI-NWE1
(NBS1)
HBE
EBI-NWE0
WE
EBI-NRD
OE
EBI-NWAIT
WAIT
EBI-NCSx
CS
11.1.2 8-bit static memory
Table 11-2.
8-bit static memory pin wiring.
GPIO line name
8-bit static memory
EBI-D[0:7]
D[0:7]
EBI-A[0:23]
A[0:23]
EBI-NWE0
WE
EBI-NRD
OE
EBI-NWAIT
WAIT
EBI-NCSx
CS
11.1.3 2 x 8-bit static memory
Table 11-3.
2 x 8-bit static memory pin wiring.
GPIO line name
8-bit static memory
8-bit static memory
EBI-D[0:7]
D[0:7]
EBI-D[8:15]
D[0:7]
EBI-A[1:23]
A[0:22]
A[0:22]
EBI-NWE0
(NBS0)
WE
EBI-NWE1
(NBS1)
WE
EBI-NRD
OE
OE
EBI-NWAIT
WAIT
WAIT
EBI-NCSx
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com