Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCVREFN Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ADCVREFN
Description  32-Bit AVR UC3 C Series Schematic Checklist
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ADCVREFN Datasheet(HTML) 4 Page - ATMEL Corporation

  ADCVREFN Datasheet HTML 1Page - ATMEL Corporation ADCVREFN Datasheet HTML 2Page - ATMEL Corporation ADCVREFN Datasheet HTML 3Page - ATMEL Corporation ADCVREFN Datasheet HTML 4Page - ATMEL Corporation ADCVREFN Datasheet HTML 5Page - ATMEL Corporation ADCVREFN Datasheet HTML 6Page - ATMEL Corporation ADCVREFN Datasheet HTML 7Page - ATMEL Corporation ADCVREFN Datasheet HTML 8Page - ATMEL Corporation ADCVREFN Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
AVR32768
32157A-AVR-12/10
Table 4-1.
Single 3.3V power supply checklist.
Signal name
Recommended pin connection
Description
VDDANA
3.0V to 3.6V
RF EMI inductor
Decoupling/filtering capacitor,
100nF
(1) to GNDANA
Analog power supply
GNDANA
Connect to analog ground
Analog ground
VDDIO
3.0V to 3.6V
Powers I/O lines and the flash memory
VDDIN_5
3.0V to 3.6V
Input voltage for the 1.8V regulator
VDDIN_33
3.0V to 3.6V
USB I/O power supply
VDDCORE
Decoupling/filtering capacitors,
2.2µF
(1)(2) and 470pF (1)(2)
Stabilization output for the 1.8V regulator
Decoupling/filtering capacitors must be added to ensure regulator stability
GNDCORE
Connect to digital ground
GNDPLL
Connect to digital ground
GNDIO
Connect to digital ground
Notes:
1. These values are given only as a typical example
2. Decoupling capacitor should be placed as close as possible to the pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com