Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCVREFN Datasheet(PDF) 23 Page - ATMEL Corporation

Part # ADCVREFN
Description  32-Bit AVR UC3 C Series Schematic Checklist
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ADCVREFN Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button ADCVREFN Datasheet HTML 19Page - ATMEL Corporation ADCVREFN Datasheet HTML 20Page - ATMEL Corporation ADCVREFN Datasheet HTML 21Page - ATMEL Corporation ADCVREFN Datasheet HTML 22Page - ATMEL Corporation ADCVREFN Datasheet HTML 23Page - ATMEL Corporation ADCVREFN Datasheet HTML 24Page - ATMEL Corporation ADCVREFN Datasheet HTML 25Page - ATMEL Corporation ADCVREFN Datasheet HTML 26Page - ATMEL Corporation ADCVREFN Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
AVR32768
23
32157A-AVR-12/10
13 CAN interface
The UC3 C embeds a CAN controller, which generates and handles digital
transmission and reception signals TXD and RXD. These signals can be used to
interface a CAN line driver, which generates the physical differential signals on the
CAN bus. Figure 13-1 shows an example schematic using the Atmel AT6660 high-
speed CAN transceiver.
Usage of the CAN interface is detailed in the application note, AVR32129: Using the
32-bit AVR UC3 CANIF.
Figure 13-1.
CAN interface to AT6660 example schematic.
Table 13-1.
CAN interface connection checklist.
Signal name
Recommended pin connection
Description
TXLINE
Directly to connector pin
Transmission line (output)
RXLINE
Directly to connector pin
Reception line (input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com