Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCVREFN Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ADCVREFN
Description  32-Bit AVR UC3 C Series Schematic Checklist
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ADCVREFN Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ADCVREFN Datasheet HTML 6Page - ATMEL Corporation ADCVREFN Datasheet HTML 7Page - ATMEL Corporation ADCVREFN Datasheet HTML 8Page - ATMEL Corporation ADCVREFN Datasheet HTML 9Page - ATMEL Corporation ADCVREFN Datasheet HTML 10Page - ATMEL Corporation ADCVREFN Datasheet HTML 11Page - ATMEL Corporation ADCVREFN Datasheet HTML 12Page - ATMEL Corporation ADCVREFN Datasheet HTML 13Page - ATMEL Corporation ADCVREFN Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
AVR32768
32157A-AVR-12/10
Table 7-2.
ADC single-ended external voltage reference, 3.3V power supply mode.
Signal name
Recommended pin connection
Description
ADCREF0
1.0V to 2.6V
Single-ended external voltage reference
ADCREF1
1.0V to 2.6V
Single-ended external voltage reference
Figure 7-2.
Single-ended external reference, 5V power supply mode.
ADCREF0
ADCREF1
DC/DC
converter
1.0 to 3.5 V
DC/DC
converter
1.0 to 3.5 V
Table 7-3.
ADC single-ended external voltage reference, 5V power supply mode.
Signal name
Recommended pin connection
Description
ADCREF0
1.0V to 3.5V
Single-ended external voltage reference
ADCREF1
1.0V to 3.5V
Single-ended external voltage reference
7.2.2 ADC differential external reference pins (ADCVREFP/ADCVREFN)
In order to use the internal 1V bandgap reference, the ADCVREFP and ADCVREFN
pins must be used with decoupling capacitors (see Figure 7-3 and Table 7-5 for
typical values).
If the internal voltage reference is unused, ADCVREFP and ADCVREFN can be used
as differential external voltage reference (see Figure 7-4 and Table 7-5).
Figure 7-3.
ADCVREFP/ADCVREFN external decoupling for use of internal bandgap
reference.
Table 7-4.
ADC differential external voltage reference, internal reference used.
Signal name
Recommended pin connection
Description
ADCVREFP
Positive differential voltage
Differential external voltage reference
ADCVREFN
Negative differential voltage
Differential external voltage reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com