Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCVREFN Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ADCVREFN
Description  32-Bit AVR UC3 C Series Schematic Checklist
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ADCVREFN Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ADCVREFN Datasheet HTML 5Page - ATMEL Corporation ADCVREFN Datasheet HTML 6Page - ATMEL Corporation ADCVREFN Datasheet HTML 7Page - ATMEL Corporation ADCVREFN Datasheet HTML 8Page - ATMEL Corporation ADCVREFN Datasheet HTML 9Page - ATMEL Corporation ADCVREFN Datasheet HTML 10Page - ATMEL Corporation ADCVREFN Datasheet HTML 11Page - ATMEL Corporation ADCVREFN Datasheet HTML 12Page - ATMEL Corporation ADCVREFN Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
AVR32768
9
32157A-AVR-12/10
7 ADC Analog-to-digital converter
The UC3 C analog-to-digital converter (ADC) has a fully differential 8/10/12-bit ADC
core with built-in sample and hold. It has multiple reference sources, and 1.5 mega-
samples per second conversion rate for 12 bit resolution. The ADC connections
require some electrical considerations, which are outlined in this section.
7.1 ADC analog Input
The ADC has 16 channels of analog input, ADCINx, which are GPIO multiplexed.
To get the best resolution, it is recommended not to use digital features of GPIO pins
close to the analog inputs used.
The analog input channels require a low enough external source impedance, which
depends on whether or not sample-and-hold is used (see Table 7-1).
For differential input, ADCIN[0:7] are used for positive input and ADCIN[8:15] are
used for negative input. In single-ended mode, all 16 channels can be used as single-
ended input. Please refer to the UC3 C datasheet for details.
Table 7-1.
ADC analog inputs.
Signal name
Recommended pin connection
Description
ADCINx
Maximum input voltage: VVDDANA
Maximum external source
impedance,
•
without S/H: 3kΩ
•
with S/H: 1kΩ
Analog input
7.2 ADC voltage reference
The internal analog-to-digital converter in the UC3 C can use different voltage
references. Depending on the voltage references needed, the external voltage
reference pins should be connected as advised below.
7.2.1 ADC single-ended external reference (ADCREF0/ADCREF1)
Two external, single-ended voltage references are available. The maximum voltage
values depend on the power supply mode used. Refer to Table 7-2 and Table 7-3,
and Figure 7-1 and Figure 7-2.
If the single-ended external voltage references are not used, the pins can be left
unconnected and tied to internal pull-up through GPIO.
Figure 7-1.
Single-ended external reference, 3.3V power supply mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com