Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCVREFN Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ADCVREFN
Description  32-Bit AVR UC3 C Series Schematic Checklist
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ADCVREFN Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ADCVREFN Datasheet HTML 12Page - ATMEL Corporation ADCVREFN Datasheet HTML 13Page - ATMEL Corporation ADCVREFN Datasheet HTML 14Page - ATMEL Corporation ADCVREFN Datasheet HTML 15Page - ATMEL Corporation ADCVREFN Datasheet HTML 16Page - ATMEL Corporation ADCVREFN Datasheet HTML 17Page - ATMEL Corporation ADCVREFN Datasheet HTML 18Page - ATMEL Corporation ADCVREFN Datasheet HTML 19Page - ATMEL Corporation ADCVREFN Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
16
AVR32768
32157A-AVR-12/10
10 Ethernet interface
When designing in the Ethernet physical device (PHY), the designer should refer to
the datasheet for the PHY. This datasheet usually contains layout advice, connection
schematics, reference design, etc.
The information in the PHY datasheet is mandatory to get optimal performance and
stability.
10.1 Ethernet interface in MII mode
Figure 10-1.
Ethernet interface in MII mode example schematic.
Table 10-1.
Ethernet interface in MII mode checklist.
Signal name
Recommended pin connection
Description
TX_CLK/
REF_CLK
Transmit clock, 25MHz for 100Mb/s data rate
CRS
Carrier sense
COL
Collision detect
MDIO
PHY maintenance data
MDC
PHY maintenance clock
RX_DV
Receive data valid
RXD[0:3]
Receive data 4-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com