Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

START499D Datasheet(PDF) 7 Page - STMicroelectronics

Part # START499D
Description  NPN RF silicon transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

START499D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button START499D Datasheet HTML 3Page - STMicroelectronics START499D Datasheet HTML 4Page - STMicroelectronics START499D Datasheet HTML 5Page - STMicroelectronics START499D Datasheet HTML 6Page - STMicroelectronics START499D Datasheet HTML 7Page - STMicroelectronics START499D Datasheet HTML 8Page - STMicroelectronics START499D Datasheet HTML 9Page - STMicroelectronics START499D Datasheet HTML 10Page - STMicroelectronics START499D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
START499D
Typical performance
Doc ID 14496 Rev 4
7/18
Figure 6.
Gain vs frequency
Figure 7.
Efficiency vs frequency
Figure 8.
Gain and efficiency vs frequency
Figure 9.
Harmonics vs frequency
10
12
14
16
18
20
800
820
840
860
880
900
920
940
960
980
1000
Frequency [MHz]
Pin=13dBm
Pin=14dBm
Pin=15dBm
Vcc = 3.6V
Icq = 30mA
50
55
60
65
70
75
80
800 820 840 860 880 900 920 940 960 980 1000
Frequency [MHz]
Pin=13dBm
Pin=14dBm
Pin=15dBm
Vcc = 3.6V
Icq = 30mA
yq
y
10
11
12
13
14
15
16
17
800
820
840
860
880
900
920
940
960
980
1000
Frequency [MHz]
30
40
50
60
70
80
90
100
Gain
Efficiency
Vcc = 3.6V
Icq = 30mA
Pout = 28dBm
-60
-50
-40
-30
-20
-10
0
800
820
840
860
880
900
920
940
960
980 1000
Frequency [MHz]
H_2nd
H_3rd
Vcc = 3.6V
Icq = 30mA
Pout = 28dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com