Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

START499D Datasheet(PDF) 1 Page - STMicroelectronics

Part # START499D
Description  NPN RF silicon transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

START499D Datasheet(HTML) 1 Page - STMicroelectronics

  START499D Datasheet HTML 1Page - STMicroelectronics START499D Datasheet HTML 2Page - STMicroelectronics START499D Datasheet HTML 3Page - STMicroelectronics START499D Datasheet HTML 4Page - STMicroelectronics START499D Datasheet HTML 5Page - STMicroelectronics START499D Datasheet HTML 6Page - STMicroelectronics START499D Datasheet HTML 7Page - STMicroelectronics START499D Datasheet HTML 8Page - STMicroelectronics START499D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
June 2010
Doc ID 14496 Rev 4
1/18
18
START499D
NPN RF silicon transistor
Features
High efficiency
Common emitter configuration
Broadband performances POUT = 29 dBm with
14 dB gain @ 900 MHz
Plastic package
Linear and non linear operation
Supplied in tape and reel
In compliance with the 2002/95/EC european
directive
Description
The START499D provide the market with a Si
state-of-art RF process. Manufactured with ST 3rd
generation bipolar process, it offers the highest
power, gain and efficiency in SOT-89 for given
breakdown voltage (BVCEo). START499D is
suitable for a wide range of application up to 1
GHz.
Figure 1.
Pin connection
SOT-89
Emitter
Base
Emitter
Collector
Table 1.
Device summary
Order code
Marking
Package
Packaging
START499D
D499
SOT-89
Tape and reel
www.st.com


Similar Part No. - START499D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
START499 STMICROELECTRONICS-START499 Datasheet
70Kb / 7P
NPN Silicon RF Transistor
03-Jul-2002
START499ETR STMICROELECTRONICS-START499ETR Datasheet
244Kb / 14P
NPN RF silicon transistor
21-Feb-2008
START499TR STMICROELECTRONICS-START499TR Datasheet
70Kb / 7P
NPN Silicon RF Transistor
03-Jul-2002
More results

Similar Description - START499D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com