Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

START499D Datasheet(PDF) 10 Page - STMicroelectronics

Part # START499D
Description  NPN RF silicon transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

START499D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button START499D Datasheet HTML 6Page - STMicroelectronics START499D Datasheet HTML 7Page - STMicroelectronics START499D Datasheet HTML 8Page - STMicroelectronics START499D Datasheet HTML 9Page - STMicroelectronics START499D Datasheet HTML 10Page - STMicroelectronics START499D Datasheet HTML 11Page - STMicroelectronics START499D Datasheet HTML 12Page - STMicroelectronics START499D Datasheet HTML 13Page - STMicroelectronics START499D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Test circuit, part list and photo
START499D
10/18
Doc ID 14496 Rev 4
5
Test circuit, part list and photo
Figure 17.
Test circuit schematic
FR4
Er = 4 .5
H = 2 0 mil
3. 6 V
18 m A
STA RT 4 9 9D
BC8 4 7
B1
TL 6
TL 5
TL 4
R3
R2
R1
L3
L2
L1
C12
C5
C2
C1
C3
C4
BJT 2
C1 1
C6
C7
C8
Vcc
TL2
TL1
BJT 1
C9
RF _out
RF _ in
C1 0
TL 3
Table 7.
Components part list
Component ID
Description
Value
Case size
Manufacturer
Part code
C1,C3,C5,C9
Capacitor
100 pF
1608
Murata
GRM1885C1H101JA01
C2
Capacitor
5.6 pF
1608
Murata
GRM1885C1HR50CZ01
C4
Capacitor
6.8 pF
1608
Murata
GRM1885C1H6R8CZ01
C6,C10,C11
Capacitor
1 nF
1608
Murata
GRM1885C1H102JA01
C7
Capacitor
10 nF
1608
Murata
GRM188R71H103KA01
C8
Capacitor
1 uF
1608
Murata
GRM188R71H105KA01
L1
Inductor
11 nH
1608
Coilcraft
0603CS-11NXGB
L2
Inductor
100 nH
1608
Coilcraft
0603CS-R10XGB
L3
Inductor
5.4 nH
2012
Coilcraft
0906-5JLB
B1
Ferrite bead
Panasonic
EXCELDRC35C
R1
Resister
30 ohm
1608
1608 chip resister
(0.063 W, ±5 %)
R3
Resister
180 ohm
1608
R2
Potentiometer
10 K
Bourns electronics
3214W-1-103E
TL1
Transmission line L=11.9 mm W=0.9 mm
TL2
Transmission line
L=5.0 mm
W=0.9 mm
TL3
Transmission line
L=5.2 mm
W=0.9 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com