Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

START499D Datasheet(PDF) 4 Page - STMicroelectronics

Part # START499D
Description  NPN RF silicon transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

START499D Datasheet(HTML) 4 Page - STMicroelectronics

  START499D Datasheet HTML 1Page - STMicroelectronics START499D Datasheet HTML 2Page - STMicroelectronics START499D Datasheet HTML 3Page - STMicroelectronics START499D Datasheet HTML 4Page - STMicroelectronics START499D Datasheet HTML 5Page - STMicroelectronics START499D Datasheet HTML 6Page - STMicroelectronics START499D Datasheet HTML 7Page - STMicroelectronics START499D Datasheet HTML 8Page - STMicroelectronics START499D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical characteristics
START499D
4/18
Doc ID 14496 Rev 4
2
Electrical characteristics
2.1
Static
2.2
Dynamic
Table 4.
Static TCASE = +25
oC
Symbol
Test conditions
Min.
Typ.
Max.
Unit
ICBO
VCB = 15 V
5
µA
IEBO
VEB = 1.2 V
250
µA
BVCES
IC = 200 µA15
20
V
hFE
VCE = 3 V
IC = 0.16 A
150
Table 5.
Dynamic
Symbol
Test conditions
Min.
Typ.
Max.
Unit
POUT
VCC = 3.6 V, ICQ = 30 mA, PIN = 15 dBm, f = 900 MHz
28
29
dBm
GP
13
14
dB
hD
55
65
%
Load
mismatch
VCC = 3.6 V, ICQ = 30 mA, POUT = 28 dBm, f = 900 MHz
All phase angles
3:1
VSWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com