Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

START499D Datasheet(PDF) 11 Page - STMicroelectronics

Part # START499D
Description  NPN RF silicon transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

START499D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button START499D Datasheet HTML 7Page - STMicroelectronics START499D Datasheet HTML 8Page - STMicroelectronics START499D Datasheet HTML 9Page - STMicroelectronics START499D Datasheet HTML 10Page - STMicroelectronics START499D Datasheet HTML 11Page - STMicroelectronics START499D Datasheet HTML 12Page - STMicroelectronics START499D Datasheet HTML 13Page - STMicroelectronics START499D Datasheet HTML 14Page - STMicroelectronics START499D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
START499D
Test circuit, part list and photo
Doc ID 14496 Rev 4
11/18
Figure 18.
Photo
Component ID
Description
Value
Case size
Manufacturer
Part code
TL4
Transmission line
L=3.5 mm
W=0.9 mm
TL5
Transmission line
L=2.8 mm
W=0.9 mm
TL6
Transmission line L=12.2 mm W=0.9 mm
BJT2
BJT
STMicroelectronics
BC847
BJT1
BJT
STMicroelectronics
START499D
Board
FR4 Er=4.5 THk=0.020" 1OZ Cu both sides
Table 7.
Components part list (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com