Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

START499D Datasheet(PDF) 14 Page - STMicroelectronics

Part # START499D
Description  NPN RF silicon transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

START499D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button START499D Datasheet HTML 10Page - STMicroelectronics START499D Datasheet HTML 11Page - STMicroelectronics START499D Datasheet HTML 12Page - STMicroelectronics START499D Datasheet HTML 13Page - STMicroelectronics START499D Datasheet HTML 14Page - STMicroelectronics START499D Datasheet HTML 15Page - STMicroelectronics START499D Datasheet HTML 16Page - STMicroelectronics START499D Datasheet HTML 17Page - STMicroelectronics START499D Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Package mechanical data
START499D
14/18
Doc ID 14496 Rev 4
6.1
Thermal pad and via design
Thernal vias are required in the PCB layout to effectively conduct heat away from the
package. The via pattern has been designed to address thermal, power dissipation and
electrical requirements of the device.
The via pattern is based on thru-hole vias with 0.203 mm to 0.330 mm finished hole size on
a 0.5 mm to 1.2 mm grid pattern with 0.025 plating on via walls. If micro vias are used in a
design, it is suggested that the quantity of vias be increased by a 4:1 ratio to achieve similar
results.
Figure 20.
Pad layout details
SOT-89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com