Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

START499D Datasheet(PDF) 8 Page - STMicroelectronics

Part # START499D
Description  NPN RF silicon transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

START499D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button START499D Datasheet HTML 4Page - STMicroelectronics START499D Datasheet HTML 5Page - STMicroelectronics START499D Datasheet HTML 6Page - STMicroelectronics START499D Datasheet HTML 7Page - STMicroelectronics START499D Datasheet HTML 8Page - STMicroelectronics START499D Datasheet HTML 9Page - STMicroelectronics START499D Datasheet HTML 10Page - STMicroelectronics START499D Datasheet HTML 11Page - STMicroelectronics START499D Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Typical performance
START499D
8/18
Doc ID 14496 Rev 4
Figure 10.
Input return loss vs frequency
Figure 11.
Gain vs output power
Figure 12.
Efficiency vs output power
Figure 13.
Gain vs output power
-14
-12
-10
-8
-6
-4
-2
0
800
820
840
860
880
900
920
940
960
980
1000
Frequency [MHz]
Vcc = 3.6V
Icq = 30mA
Pout = 28dBm
8
10
12
14
16
18
20
22
23
24
25
26
27
28
29
30
Output Power [dBm]
860MHz
910MHz
960MHz
Vcc = 3.6V
Icq = 30mA
25
30
35
40
45
50
55
60
65
70
22
23
24
25
26
27
28
29
30
Output Pow er [dBm]
860MHz
910MHz
960MHz
Vcc = 3.6V
Icq = 30mA
12
13
14
15
16
17
18
21
22
23
24
25
26
27
28
Output Pow er [dBm]
860MHz
910MHz
960MHz
Vcc = 3 V
Icq = 30mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com