Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP02002 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP02002
Description  PACKAGE OUTLINE DIMENSIONS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP02002 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP02002 Datasheet HTML 6Page - Diodes Incorporated AP02002 Datasheet HTML 7Page - Diodes Incorporated AP02002 Datasheet HTML 8Page - Diodes Incorporated AP02002 Datasheet HTML 9Page - Diodes Incorporated AP02002 Datasheet HTML 10Page - Diodes Incorporated AP02002 Datasheet HTML 11Page - Diodes Incorporated AP02002 Datasheet HTML 12Page - Diodes Incorporated AP02002 Datasheet HTML 13Page - Diodes Incorporated AP02002 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AP02002 Rev. 44
10 of 32
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
MSOP-8L
L
Gauge plane
See Detail C
D
E
A1
A2
A
e
a
Detail C
E1
b
D
c
MSOP-8L
Dim
Min
Max
Typ
a
0
°
6°
4°
A
⎯
1.10
⎯
A1
0.05 0.15 0.10
A2
0.75 0.95 0.86
b
0.22 0.38 0.30
c
0.08 0.23 0.15
D
2.90 3.05 3.00
e
⎯
⎯
0.65
4.80 5.00 4.90
E1
2.90 3.00 3.10
L
0.40 0.80 0.60
All Dimensions in mm
MSOP-8L-EP
L
Gauge plane
See Detail C
D
A1
A2
A
e
a
Detail C
b
c
E1 E
D
D1
E2
MSOP-8L-EP
Dim
Min
Typ
Max
A
-
1.10
-
A1
0.05 0.15 0.10
A2
0.75 0.95 0.86
b
0.22 0.38 0.30
c
0.08 0.23 0.15
D
2.90 3.10 3.00
D1
1.65
-
1.95
E
4.70 5.10 4.90
E1
2.90 3.00 3.10
E2
1.35
-
1.65
e
-
-
0.65
L
0.40 0.80 0.60
a
0
8
°
4
°
All Dimensions in mm
MSOP-10L
L
GAUGE PLANE
DETAIL A
b
A2
A1
C
DETAIL A
e
E
E1
D
A
a
MSOP-10L
Dim
Min
Max
Typ
a
0
°
8°
4°
A
-
1.10
-
A1
0.05 0.15 0.10
A2
0.75 0.95 0.86
b
0.17 0.27 0.20
c
0.08 0.23 0.15
D
2.95 3.05 3.00
e
-
-
0.50
E
4.80 5.00 4.90
E1
2.95 3.05 3.00
L
0.40 0.80 0.60
All Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com