Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP02002 Datasheet(PDF) 23 Page - Diodes Incorporated

Part # AP02002
Description  PACKAGE OUTLINE DIMENSIONS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP02002 Datasheet(HTML) 23 Page - Diodes Incorporated

Back Button AP02002 Datasheet HTML 19Page - Diodes Incorporated AP02002 Datasheet HTML 20Page - Diodes Incorporated AP02002 Datasheet HTML 21Page - Diodes Incorporated AP02002 Datasheet HTML 22Page - Diodes Incorporated AP02002 Datasheet HTML 23Page - Diodes Incorporated AP02002 Datasheet HTML 24Page - Diodes Incorporated AP02002 Datasheet HTML 25Page - Diodes Incorporated AP02002 Datasheet HTML 26Page - Diodes Incorporated AP02002 Datasheet HTML 27Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AP02002 Rev. 44
23 of 32
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
TO263-3L
E
b1
c
L
D
L2
b
L3
L1
A1
A
e
TO263-3L
Dim
Min
Max
A
4.06
4.83
A1
1.14
1.40
b
0.51
0.99
b1
1.14
1.40
c
0.38 Typ
D
8.65
9.65
E
9.65
10.29
e
2.54 Typ
L
14.61
15.88
L1
2.28
2.80
L2
2.92
L3
1.27
1.78
All Dimensions in mm
TO263-5L
e
b
L2
A
A1
L
D
c
L1
E
TO263-5L
Dim
Min
Max
A
4.07
4.85
A1
1.14
1.40
b
0.66
1.02
c
0.36
0.64
D
8.65
9.65
E
9.78
10.54
e
1.57
1.85
L
14.61
15.88
L1
2.29
2.79
L2
2.92
All Dimensions in mm
TSOT23-5
c
A1
L
E1
E
A2
D
e1
e
5x b
θ
4x 1
θ
L2
A
TSOT23-5
Dim
Min
Max
Typ
A
1.00
A1
0.01
0.10
A2
0.84
0.90
D
2.90
E
2.80
E1
1.60
b
0.30
0.45
c
0.12
0.20
e
0.95
e1
1.90
L
0.30
0.50
L2
0.25
θ
θ1
12°
All Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com