Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP02002 Datasheet(PDF) 27 Page - Diodes Incorporated

Part # AP02002
Description  PACKAGE OUTLINE DIMENSIONS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP02002 Datasheet(HTML) 27 Page - Diodes Incorporated

Back Button AP02002 Datasheet HTML 23Page - Diodes Incorporated AP02002 Datasheet HTML 24Page - Diodes Incorporated AP02002 Datasheet HTML 25Page - Diodes Incorporated AP02002 Datasheet HTML 26Page - Diodes Incorporated AP02002 Datasheet HTML 27Page - Diodes Incorporated AP02002 Datasheet HTML 28Page - Diodes Incorporated AP02002 Datasheet HTML 29Page - Diodes Incorporated AP02002 Datasheet HTML 30Page - Diodes Incorporated AP02002 Datasheet HTML 31Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
AP02002 Rev. 44
27 of 32
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
ITO-220AB
5°
5°
5°
5°
10°
E
Q
D
D1
L1
3 x b1
3 x b
2 x e
L
ØP
A
A1
A2
c
12
3
ITO-220AB
Dim
Min
Typ
Max
A
4.50
4.70
4.90
A1
3.04
3.24
3.44
A2
2.56
2.76
2.96
b
0.50
0.60
0.75
b1
1.10
1.20
1.35
c
0.50
0.60
0.70
D
15.67 15.87 16.07
D1
8.99
9.19
9.39
e
2.54
E
9.91 10.11 10.31
L
9.45
9.75 10.05
L1
15.80 16.00 16.20
P
2.98
3.18
3.38
Q
3.10
3.30
3.50
All Dimensions in mm
ITO-220S
E
D1
L
b2
b
e
A2
+
A
D
7 Ref
°
5 Ref
°
+
D2
H1
E1
5 Ref
°
A1
c
e1
Q
ØP
1.7 Ref
5 Ref
°
5 Ref
°
L1
Ø1.5
Dp 0.1 max
ITO-220S
DIM.
MIN.
MAX.
TYP.
A
4.52
4.62
4.57
A1
1.17
1.39
−
A2
2.57
2.77
2.67
b
0.72
0.95
0.84
b2
1.15
1.34
1.26
c
0.356
0.61
−
D
14.22 16.51 15.00
D1
8.60
8.80
8.70
D2
13.68 14.08
−
e
2.49
2.59
2.54
e1
4.98
5.18
5.08
E
10.01 10.21 10.11
E1
6.86
8.89
−
H1
5.85
6.85
−
L
13.30 13.90 13.60
L1
−
4.00
−
P
3.54
4.08
−
Q
2.54
3.42
−
All Dimensions in mm
KBJ
KBP
_
A
B
D
J
K
C
E
G
H
L
M
N
P
R
O
KBJ
Dim
Min
Max
A
24.80
25.20
B
14.70
15.30
C
3.90
4.10
D
17.20
17.80
E
0.90
1.10
G
7.30
7.70
H
3.10
∅
3.40
∅
J
3.30
3.70
K
1.50
1.90
L
9.30
9.70
M
2.50
2.90
N
3.40
3.80
O
3.0 x 45
°
P
4.40
4.80
R
0.60
0.80
All Dimensions in mm
C
E
G
H
J
K
L
M
N
P
+
_
A
B
D
KBP
Dim
Min
Max
A
14.25
14.75
B
10.20
10.60
C
1.80
2.20
D
14.25
14.73
E
3.56
4.06
G
0.76
0.86
H
1.17
1.42
J
2.8 X 45
°
K
0.80
1.10
L
3.35
3.65
M
3
° Typ
N
2
° Typ
P
0.30
0.64
All Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com