Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP02002 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP02002
Description  PACKAGE OUTLINE DIMENSIONS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP02002 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP02002 Datasheet HTML 7Page - Diodes Incorporated AP02002 Datasheet HTML 8Page - Diodes Incorporated AP02002 Datasheet HTML 9Page - Diodes Incorporated AP02002 Datasheet HTML 10Page - Diodes Incorporated AP02002 Datasheet HTML 11Page - Diodes Incorporated AP02002 Datasheet HTML 12Page - Diodes Incorporated AP02002 Datasheet HTML 13Page - Diodes Incorporated AP02002 Datasheet HTML 14Page - Diodes Incorporated AP02002 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AP02002 Rev. 44
11 of 32
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
PowerDI
®123
PowerDI
®323
A
E
L
L1
B
C
E
L2
H
D
PowerDI
®123
Dim
Min
Max
Typ
A
3.50 3.90 3.70
B
2.60 3.00 2.80
C
1.63 1.93 1.78
D
0.93 1.00 0.98
E
0.85 1.25 1.00
H
0.15 0.25 0.20
L
0.55 0.75 0.65
L1
1.80 2.20 2.00
L2
0.95 1.25 1.10
All Dimensions in mm
B
C
E
L1
L
L
H
D
L1
L3
A
L4
E1
E2
PowerDI
®323
Dim
Min
Max
Typ
A
2.40
2.60
2.50
B
1.85
1.95
1.90
C
1.20
1.30
1.25
D
0.60
0.70
0.65
E
0.78
0.98
0.88
E1
0.50
0.70
0.60
E2
0.60
1.00
0.80
H
0.08
0.18
0.13
L
0.20
0.40
0.30
L1
1.40
L3
0.20
L4
0.40
0.80
0.60
All Dimensions in mm
PowerDI3333-8
A
A1
A3
D
D2
E
E2
b2
(4x)
L
(4x)
L1
(3x)
b (8x)
e
Z (4x)
Pin 1 ID
14
85
PowerDI3333-8
Dim
Min
Max
Typ
D
3.25
3.35
3.30
E
3.25
3.35
3.30
D2
2.22
2.32
2.27
E2
1.56
1.66
1.61
A
0.75
0.85
0.80
A1
0
0.05
0.02
A3
0.203
b
0.27
0.37
0.32
b2
0.20
L
0.35
0.45
0.40
L1
0.39
e
0.65
Z
0.515
All Dimensions in mm
PowerDI3333B-8
A
A1
A3
D
D1
E
E2
b2 (4x)
L (5x)
L1 (2x)
b (8x)
e
Z (4x)
Pin 1 ID
14
85
E1
K1
K2
PowerDI3333B-8
Dim
Min
Max
Typ
D
3.25
3.35
3.30
E
3.25
3.35
3.30
D1
2.55
2.66
2.61
E1
1.14
1.24
1.19
D2
1.74
1.84
1.79
E2
0.61
0.71
0.66
A
0.75
0.85
0.80
A1
0
0.05
0.02
A3
0.203
b
0.27
0.37
0.32
b2
0.20
K1
0.41
K2
0.38
L
0.35
0.45
0.40
L1
0.25
e
0.65
Z
0.515
All Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com