Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP02002 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AP02002
Description  PACKAGE OUTLINE DIMENSIONS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP02002 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AP02002 Datasheet HTML 11Page - Diodes Incorporated AP02002 Datasheet HTML 12Page - Diodes Incorporated AP02002 Datasheet HTML 13Page - Diodes Incorporated AP02002 Datasheet HTML 14Page - Diodes Incorporated AP02002 Datasheet HTML 15Page - Diodes Incorporated AP02002 Datasheet HTML 16Page - Diodes Incorporated AP02002 Datasheet HTML 17Page - Diodes Incorporated AP02002 Datasheet HTML 18Page - Diodes Incorporated AP02002 Datasheet HTML 19Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
AP02002 Rev. 44
15 of 32
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
SOP-8L-DEP
Gauge Plane
Seating Plane
Detail ‘A’
Detail ‘A’
E
E1
h
L
D
e
b
A2
A1
A
45°
7°~9°
A3
C2
C1
Exposed Pad
Bottom View
C1
P1
P2
G
P3
F
F2
SOP-8L-DEP
Dim
Min
Max
Dim
Min
Max
A
-
1.75
e
1.27 Typ
A1
0.10
0.20
F1
0.685 Typ
A2
1.30
1.50
F2
0.713 Typ
A3
0.15
0.25
G
0.20 Typ
b
0.3
0.5
h
-
0.35
C1
1.7 Typ
L
0.62
0.82
C2
0.9 Typ
P1
2.05 Typ
D
4.85
4.95
P2
1.15 Typ
E
5.90
6.10
P3
2.15 Typ
E1
3.85
3.95
θ
0
°
8
°
All Dimensions in mm
SM-8
15°
45°
L
c
E1
E
D
b
ee1
A
A1
SM-8
Dim
Min
Max
Typ
A
−
1.7
−
A1
0.02
0.1
−
b
−
0.7
−
c
0.24
0.32
−
D
6.3
6.7
−
e
−
−
1.53
e1
−
−
4.59
E
6.7
7.3
−
E1
3.3
3.7
−
L
0.9
−
−
All Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com