Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP02002 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP02002
Description  PACKAGE OUTLINE DIMENSIONS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP02002 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP02002 Datasheet HTML 8Page - Diodes Incorporated AP02002 Datasheet HTML 9Page - Diodes Incorporated AP02002 Datasheet HTML 10Page - Diodes Incorporated AP02002 Datasheet HTML 11Page - Diodes Incorporated AP02002 Datasheet HTML 12Page - Diodes Incorporated AP02002 Datasheet HTML 13Page - Diodes Incorporated AP02002 Datasheet HTML 14Page - Diodes Incorporated AP02002 Datasheet HTML 15Page - Diodes Incorporated AP02002 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AP02002 Rev. 44
12 of 32
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
PowerDI5060-8
A
EE1
D1
D
DETAIL A
DETAIL A
θ (4x)
θ1 (4x)
A1
e
c
b (8x)
L
D2
E2
G
L1
M1
M
b2 (4x)
PowerDI5060-8L
Dim
Min
Max
Typ
A
0.90
1.10
1.00
A1
0.00
0.05
-
b
0.33
0.51
0.41
b2
0.200 0.350 0.273
c
0.230 0.330 0.277
D
5.15BSC
D1
4.70
5.10
4.90
D2
3.50
4.40
3.90
E
6.15BSC
E1
5.60
6.00
5.80
E2
3.28
3.68
3.48
e
1.27BSC
G
0.51
0.71
0.61
L
0.51
0.71
0.61
L1
0.050
0.20
0.175
M
3.235 4.035 3.635
M1
1.00
1.40
1.21
θ
10°
12°
11°
θ1
6°
8°
7°
All Dimensions in mm
PowerDI
®5
E
E1
b1
A
A2
A2
D
b2
b1
e
D2
L
E2
L1
W
PowerDI
®5
Dim
Min
Max
A
1.05
1.15
A2
0.33
0.43
b1
0.80
0.99
b2
1.70
1.88
D
3.90
4.05
D2
3.054 Typ
E
6.40
6.60
e
1.84 Typ
E1
5.30
5.45
E2
3.549 Typ
L
0.75
0.95
L1
0.50
0.65
W
1.10
1.41
All Dimensions in mm
SMA, SMB, SMC
A
B
C
D
G
H
E
J
SMA
Dim
Min
Max
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.05
0.20
H
0.76
1.52
J
2.01
2.30
All Dimensions in mm
SMB
Dim
Min
Max
A
3.30
3.94
B
4.06
4.57
C
1.96
2.21
D
0.15
0.31
E
5.00
5.59
G
0.05
0.20
H
0.76
1.52
J
2.00
2.50
All Dimensions in mm
SMC
Dim
Min
Max
A
5.59
6.22
B
6.60
7.11
C
2.75
3.18
D
0.15
0.31
E
7.75
8.13
G
0.10
0.20
H
0.76
1.52
J
2.00
2.50
All Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com