Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP02002 Datasheet(PDF) 30 Page - Diodes Incorporated

Part # AP02002
Description  PACKAGE OUTLINE DIMENSIONS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP02002 Datasheet(HTML) 30 Page - Diodes Incorporated

Back Button AP02002 Datasheet HTML 24Page - Diodes Incorporated AP02002 Datasheet HTML 25Page - Diodes Incorporated AP02002 Datasheet HTML 26Page - Diodes Incorporated AP02002 Datasheet HTML 27Page - Diodes Incorporated AP02002 Datasheet HTML 28Page - Diodes Incorporated AP02002 Datasheet HTML 29Page - Diodes Incorporated AP02002 Datasheet HTML 30Page - Diodes Incorporated AP02002 Datasheet HTML 31Page - Diodes Incorporated AP02002 Datasheet HTML 32Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AP02002 Rev. 44
30 of 32
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
SIP-4L
A B
H
D
K
E
C
a1
a2
F
I
J
L
SIP-4L
Dim
Min
Max
A
5.12
5.32
B
4.10
4.30
C
3.55
3.75
D
0.38
0.44
E
0.35
0.41
F
1.24
1.30
H
1.32
1.52
I
1.45
1.65
J
0.00
0.2
K
13.00
15.5
L
0.63
0.83
a1
3
°
5°
a2
4°
7°
All Dimensions in mm
TO220-3L
A
F
C
D
E
b
e1
b1
D1
Q
L1
J1
e
ØP
TO220-3L
Dim
Min
Max
A
3.55
4.85
b
0.51
1.14
b1
1.14
1.78
C
0.31
1.14
D
14.20
16.50
D1
5.84
6.86
E
9.70
10.70
e
2.79
2.99
e1
4.83
5.33
F
0.51
1.40
J1
2.03
2.92
L
12.72
14.72
L1
3.66
6.35
P
3.53
4.09
Q
2.54
3.43
All Dimensions in mm
TO220-5L
A
F
C
D
E
b
e1
b1
ØP
D1
Q
L1
J1
e
TO220-5L
Dim
Min
Max
A
3.55
4.85
b
0.51
1.14
b1
1.14
1.78
C
0.31
1.14
D
14.20
16.50
D1
5.84
6.86
E
9.78
10.54
e
1.6
1.8
e1
6.6
7.0
F
0.51
1.40
J1
2.03
2.92
L
12.72
14.72
L1
3.66
6.35
P
3.53
4.09
Q
2.54
3.43
All Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com