Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX980 Datasheet(PDF) 32 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 32 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 28Page - CML Microcircuits FX980 Datasheet HTML 29Page - CML Microcircuits FX980 Datasheet HTML 30Page - CML Microcircuits FX980 Datasheet HTML 31Page - CML Microcircuits FX980 Datasheet HTML 32Page - CML Microcircuits FX980 Datasheet HTML 33Page - CML Microcircuits FX980 Datasheet HTML 34Page - CML Microcircuits FX980 Datasheet HTML 35Page - CML Microcircuits FX980 Datasheet HTML 36Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
32
D/980/3
0
StartConvert
High
One-shot conversion control bit. Only valid when the ADCs
are set to one-shot conversion mode.
W
Setting this bit High starts the ADC data conversion. Setting
this bit Low will stop the conversion. This should only be
used for test purposes, because the ADC conversion logic
will automatically set this bit Low when the conversion
operation has completed.
R
This bit can be set High or Low by the serial interface, but
the ADC conversion logic will automatically set it Low when
the current conversion cycle has completed.
• Address and Data format for Auxillary ADC Control access
Data field [7:0]
R
D6
D5
D4
D3
D2
D1
D0
1
1
0
0
0
0
1
Address field [6:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com