Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX980 Datasheet(PDF) 12 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 12 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 8Page - CML Microcircuits FX980 Datasheet HTML 9Page - CML Microcircuits FX980 Datasheet HTML 10Page - CML Microcircuits FX980 Datasheet HTML 11Page - CML Microcircuits FX980 Datasheet HTML 12Page - CML Microcircuits FX980 Datasheet HTML 13Page - CML Microcircuits FX980 Datasheet HTML 14Page - CML Microcircuits FX980 Datasheet HTML 15Page - CML Microcircuits FX980 Datasheet HTML 16Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
12
D/980/3
1.5.6.2 Command Read Interface
Command read data is either output on one of the serial read ports, or driven out in the last 8 bits
(data field) on the Cmd port. When command read data is output on a serial read port, the read
address is put in the most significant half of the word, and the read data in the least significant half.
MSB
LSB
0
Read Address
Data
15
14
8
7
0
Command Read Serial Word
1.5.6.3 Rx Data Interface
The Rx Data interface is used only for output of the I and Q received data, unless it is operating in the
mode where CmdRd data is directed to it. When data reception is enabled, I and Q received data will
be output at either 8x or 4x the symbol rate, under control of command register RxSetup2. (see
Section 1.5.7). This is achieved by reducing the serial interface clock rate from MCLK/2 to MCLK/4
and discarding alternate data samples under control of command registers ConfigCtrl1 and
RxSetup2. 16-bit I and Q data words are output at the Rx Data interface, I data and MSB first (by
default), on the rising edge of SClk.
1.5.6.4 Transmission of Data
The address of the Tx FIFO is given consecutive locations ($0x04-$0x07), which allows the address
bits A1 and A0 (bits 11 and 10) of the Command Transmit Data Serial Word to be utilised as transmit
control functions. Data to be transmitted can be in either one or four (2-bit) symbol blocks, which are
subsequently modulated into the DQPSK constellation, or in 3-bit words, which map directly into
constellation points according to the table shown below.
3 bit
code
000
001
010
011
100
101
110
111
I
Q
1
0
0.7071
0.7071
0
1
-0.7071
0.7071
-1
0
-0.7071
-0.7071
0
-1
0.7071
-0.7071
Constellation map
The user initiates a transmit frame by asserting the TxEn bit in the TxSetup register.
However,
internal transmission of the data will wait until specific conditions have been met. Firstly, a valid data
word must be written into the FIFO with the TxRampEn bit of the TxSetup register asserted.
Secondly, the internal symbol clock must be active.
Therefore there is a variable delay between
asserting the TxEn bit and transmission starting.
The user may poll the TxPathEn bit of the
TxFIFOStatus register to establish when transmission has started, and in this case the active state of
TxPathEn in High. In general, the user will wish to know when the transmit frame has completed.
This is indicated by TxPathEn returning Low.
To relieve the user of polling overheads when waiting for Tx frame completion, an interrupt can be set
up to occur on the transition of the TxPathEn bit from High to Low.
In such circumstances, the
interrupt activation state of the TxPathEn can be considered Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com