Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX980 Datasheet(PDF) 11 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 11 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 7Page - CML Microcircuits FX980 Datasheet HTML 8Page - CML Microcircuits FX980 Datasheet HTML 9Page - CML Microcircuits FX980 Datasheet HTML 10Page - CML Microcircuits FX980 Datasheet HTML 11Page - CML Microcircuits FX980 Datasheet HTML 12Page - CML Microcircuits FX980 Datasheet HTML 13Page - CML Microcircuits FX980 Datasheet HTML 14Page - CML Microcircuits FX980 Datasheet HTML 15Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
11
D/980/3
Functions performed by the serial interface include:
• Power up or down and optional bypassing of selected blocks
• Setting digital filter coefficients
• Loading ramp up and ramp down increments and burst lengths for Tx
• Loading and transmitting data
• Loading offset correction, gain multiplier and phase adjustment registers
• Enabling/disabling of output via the Rx serial interface
• Vary sampling time for Rx data relative to the symbol (144kHz) clock.
• Loading data into auxiliary DACs
• Initiating conversions using auxiliary ADCs and reading results
• Writing data to, and reading data from, the Waveform Generation SRAM
• Power Ramping time step control
The three interfaces consist of the following signal pins:
SClk
Output
Serial Clock pin. This pin is common for all three interfaces.
CmdDat
In/Out
Command port Data pin. This pin is by default an input, but may be
configured as an open drain bi-directional pin.
CmdFS
Input
Command port Frame Sync pin. This pin is used to mark the first bit in a
serial frame.
CmdRdDat
Output
Command read port Data pin. This pin only has active data on it in
response to a read command.
CmdRdFS
Output
Command read port Frame Sync pin. This pin is used to mark the first bit in
a serial frame.
RxDat
Output
Receive data port Data pin. This pin is only active when the Rx Data path is
active.
RxFS
Output
Receive data port Frame Sync pin. This pin is used to mark the first bit in
a serial frame.
Note: All Frame Sync strobe signals are actually coincident with the last bit of a dataframe.
See
Figures 4 and 5 for further details.
1.5.6.1 Command Interface
A serial command word consists of a 16-bit frame. Each frame is marked by an active Frame Sync
event which precedes the MSB bit. A command word can be either a control word or a transmit data
word.
MSB
LSB
R / W
Address
Data
15
14
8
7
0
Command Control Serial Word
MSB
LSB
1
Tx Data Address
U/D
4/1
Tx Data
15
14
10
9
8
7
0
Command Transmit Data Serial Word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com