Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX980 Datasheet(PDF) 23 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 23 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 19Page - CML Microcircuits FX980 Datasheet HTML 20Page - CML Microcircuits FX980 Datasheet HTML 21Page - CML Microcircuits FX980 Datasheet HTML 22Page - CML Microcircuits FX980 Datasheet HTML 23Page - CML Microcircuits FX980 Datasheet HTML 24Page - CML Microcircuits FX980 Datasheet HTML 25Page - CML Microcircuits FX980 Datasheet HTML 26Page - CML Microcircuits FX980 Datasheet HTML 27Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
23
D/980/3
TxSetup
Title:
Transmit Set-up register
Address:
$0x03
Function:
RW
Description:
Sets up the transmit functions.
Bit
Name
Active State
Function
7:4
RW
Reserved. Set these bits Low. Undefined on read.
3
TxClkStop
High
RW
When set active causes the TxEn bit to also be used to
gate the Tx Data path master clock. When inactive (default
state) the Tx Data path master clock is always supplied.
2
TxEn
High
RW
When set active, enables the Tx Data path, allowing
transmission to start when the correct enable sequence
has been seen. This bit may only be cleared when the
TxPathEn status bit in the TxFIFOStatus register is
inactive, setting inactive during a transmission cycle will
cause erroneous behaviour. This bit also acts as a transmit
section power enable bit.
1
TxRampEn
High
RW
When set active, this bit enables the transmit amplitude
ramping function. Ramping is then controlled by the
TxRampUp bit of the TxData register When this bit is
inactive, the TxRampUp bit will directly control the transmit
amplitude (High meaning full amplitude, Low meaning zero
amplitude).
0
TxFirCoeffReset
Low
RW
When set active this bit forces all the Tx Data path filters to
load their default coefficient values. This bit will be set
active on taking N_RESET Low, and therefore needs to be
deactivated before default filter coefficients can be
overwritten.
• Address and Data format for TxSetup access
Data field [7:0]
R
R
R
R
D3
D2
D1
D0
1
1
0
0
0
0
0
Address field [6:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com