Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX980 Datasheet(PDF) 39 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 39 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 35Page - CML Microcircuits FX980 Datasheet HTML 36Page - CML Microcircuits FX980 Datasheet HTML 37Page - CML Microcircuits FX980 Datasheet HTML 38Page - CML Microcircuits FX980 Datasheet HTML 39Page - CML Microcircuits FX980 Datasheet HTML 40Page - CML Microcircuits FX980 Datasheet HTML 41Page - CML Microcircuits FX980 Datasheet HTML 42Page - CML Microcircuits FX980 Datasheet HTML 43Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
39
D/980/3
LoopBackCtrl
Title:
LoopBack Control register
Address:
$0x0D
Function:
RW
Description:
This register is only used for test purposes. For normal operation all these bits should be
inactive.
Bit
Name
Active State
Function
7:6
RW
Reserved. These bits should be set Low. Undefined on
read.
5
FirReset
High
RW
When active, this bit holds all FIR filters in reset, by
resetting the FIR address pointers. This by itself does not
reset the data register RAMs. A separate access is
provided to disable the complete Tx or Rx Data path.
Taking N_RESET Low will also reset the FIR filter
coefficients to their default values.
4
DigLoopBack
High
RW
When set active this bit enables the digital loopback
feature. This connects the output of the Rx Data path
49-tap filter to the input of the Tx Data path 49-tap digital
filter, thereby allowing an analogue signal presented at the
Rx inputs to be filtered by a raised cosine filter and
monitored at the Tx outputs as an analogue signal.
3
AnaLoopBack
High
RW
When set active this bit enables the analogue loopback
feature. This connects the output of the Tx Data path DAC
to the input of Rx Data path ADC, thus passing transmit
constellation data through a raised cosine filter and allowing
the resultant data samples to be monitored digitally at the
Rx output.
2
RxDPAccessSel
High
RW
When set active this bit disables the Rx Data path sample
clock, thereby enabling the Data path access register to
directly update the output of the Rx Data path operator.
1
TxDPAccessSel
High
RW
When set active this bit disables the Tx Data path sample
clock, thereby enabling the Data path access register to
directly update the input to the 15-tap digital filter without
the data being overridden by subsequent sample clocks
0
TxtoRxDataPath
High
RW
When set active this bit connects the Tx (I,Q) DAC input to
the serial receive port (Rx). This enables the output of the
transmit 15-tap filter to be observed in real time. Data is
taken from the I and Q channels on alternate 144kHz
sample clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com