Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX980 Datasheet(PDF) 76 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 76 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 72Page - CML Microcircuits FX980 Datasheet HTML 73Page - CML Microcircuits FX980 Datasheet HTML 74Page - CML Microcircuits FX980 Datasheet HTML 75Page - CML Microcircuits FX980 Datasheet HTML 76Page - CML Microcircuits FX980 Datasheet HTML 77Page - CML Microcircuits FX980 Datasheet HTML 78Page - CML Microcircuits FX980 Datasheet HTML 79Page - CML Microcircuits FX980 Datasheet HTML 80Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
76
D/980/3
Transmit Parameters
Parameter
Typ
Units
Conditions/Comments
Input bit rate
No. of channels
Modulation type
RRC Roll-off coefficient (a)
|H(f)| 0 - 5.85kHz
|H(f)| @ 9kHz
|H(f)| @ 10.05kHz
|H(f)| @ 12.15kHz
Max spurii @ 16kHz
@ 25kHz
@ 50kHz
@ 75kHz
FIR filter sampling rate
DAC output update rate
DAC resolution
Integral accuracy
Differential accuracy
Offset
Gain matching, I to Q
Gain matching, (I or Q) to ideal Tx
Phase matching, I to Q
Storage time
Active Power
Vector Error (rms., typical)
Vector Error (rms., max)
Vector Error (peak, typical)
Vector Error (peak, max)
I,Q output level VCC = 5.0V
VCC = 3.3V
36
2
π/4 DQPSK
0.35
0
± 0.3
-3 ± 0.3
-6 ± 1
< -30
-60
-68
-78
-80
144
2.304
12
< ±0.5
< ±0.25
< 25
< ± 0.3dB
< ± 0.3
< ±0.5
< 18
<105
0.017
0.025
0.045
0.07
2.5
1.65
kbps
dB
dB
dB
dB
dBc
dBc
dBc
dBc
kHz
MHz
Bits
LSB
LSB
mV
dB
dB
Degrees
Symbols
mW
V
V
2 bits/symbol
I and Q
0 dB corresponds to 1V pk-pk
Relative to maximum passband
signal level
Without adjustment
Without adjustment
Normalised, 0 - 9kHz
After adjustment, 0 - 9kHz
3.3V, Rx, aux powered down
Vector errors measured with
ideal IF and RF sections
after gain and offset
adjustment, and specified as a
fraction of the nominal vector
value.
Peak to peak, differential at
maximum gain
Notes:
All parameters refer to the entire Tx baseband I and Q channels, unless otherwise indicated.
A gain multiplier function allows independent proportional control of each channel. The multiplier is a 12-bit
word for each channel, input via the serial interface, representing a value from 0 to 1. This multiplication is
applied to the signals from the FIR filters.
Offset adjustment for each channel is available by loading a 12-bit word into the transmit offset register via the
serial interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com