Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX980 Datasheet(PDF) 75 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 75 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 71Page - CML Microcircuits FX980 Datasheet HTML 72Page - CML Microcircuits FX980 Datasheet HTML 73Page - CML Microcircuits FX980 Datasheet HTML 74Page - CML Microcircuits FX980 Datasheet HTML 75Page - CML Microcircuits FX980 Datasheet HTML 76Page - CML Microcircuits FX980 Datasheet HTML 77Page - CML Microcircuits FX980 Datasheet HTML 78Page - CML Microcircuits FX980 Datasheet HTML 79Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
75
D/980/3
Operating Characteristics
For the following conditions unless otherwise specified:
MCLK Frequency = 9.216MHz, Symbol Rate = 18k bits/sec,
(VDD - VSS) = (VCC1 - VSS1) = (VCC2 - VSS2) = (VCC3 - VSSB) = (VDD1 - VSSA) = 3.0V to 3.6V for 3.3V
parameters, 4.5V to 5.5V, for 5.0V parameters. Tamb = - 40°C to +85°C.
At 5V, Bias/Ctrl = 0 and at 3.3V Bias/Ctrl = 1 in PowerDownCtrl register will optimise the analogue
performance in the Tx and Rx sections.
It is assumed that all powersave and clock stop bits are set, where appropriate.
Notes
Min.
Typ.
Max.
Units
5V DC Parameters (MCLK not toggled)
IDD (Tx powersaved)
1
20
mA
IDD (Rx powersaved)
1
20
mA
IDD (Aux powersaved)
1
34
mA
IDD (All powersaved)
1
<0.05
mA
IDD (Not powersaved)
1
36
mA
5V AC Parameters (MCLK at 9.216MHz)
IDD (Tx powersaved)
1
40
mA
IDD (Rx powersaved)
1
35
mA
IDD (Aux powersaved)
1
62
mA
IDD (All powersaved)
1
12
mA
IDD (Not powersaved)
1
64
mA
3.3V DC Parameters (MCLK not toggled)
IDD (Tx powersaved)
1
18
mA
IDD (Rx powersaved)
1
18
mA
IDD (Aux powersaved)
1
31
mA
IDD (All powersaved)
1
<0.05
mA
IDD (Not powersaved)
1
32
mA
3.3V AC Parameters (MCLK at 9.216MHz)
IDD (Tx powersaved)
1
31
mA
IDD (Rx powersaved)
1
33
mA
IDD (Aux powersaved)
1
48
mA
IDD (All powersaved)
1
7.5
mA
IDD (Not powersaved)
1
49
mA
MCLK Input
'High' pulse width
3
40
ns
'Low' pulse width
3
40
ns
Input impedance (at 100Hz)
10
M
Ω
Notes:
1.
Not including any current drawn from the device pins by external circuitry.
3.
Timing for an external input to the MCLK pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com