Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCL Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXCL
Description  Micropower SC70-5 & SOT23-5 low dropout regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCL Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXCL Datasheet HTML 2Page - Diodes Incorporated ZXCL Datasheet HTML 3Page - Diodes Incorporated ZXCL Datasheet HTML 4Page - Diodes Incorporated ZXCL Datasheet HTML 5Page - Diodes Incorporated ZXCL Datasheet HTML 6Page - Diodes Incorporated ZXCL Datasheet HTML 7Page - Diodes Incorporated ZXCL Datasheet HTML 8Page - Diodes Incorporated ZXCL Datasheet HTML 9Page - Diodes Incorporated ZXCL Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ZXCL SERIES
Issue 8 - October 2007
6
www.zetex.com
© Zetex Semiconductors plc 2007
Typical characteristics
0.0
0.1
0.2
0.3
0.4
0.5
-4
-3
-2
-1
0
1
3
4
5
6
0
1020
3040
50
6070
8090 100
0
1
2
3
4
5
6
0.0
0.1
0.2
0.3
0.4
0.5
-4
-3
-2
-1
0
1
3
4
5
6
0.0
0.1
0.2
0.3
0.4
0.5
-100
-50
0
50
100
300
350
400
10
100
1k
10k
100k
1M
0.01
0.1
1
10
10
100
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
0
-20
20
10
-10
C
OUT
= 1
μF
T
r
& T
f
= 2.5
μs
Line Rejection I
L
= 100mA
Time (ms)
V
IN
= 5V
I
L
= 1mA
I
L
= 100mA
Enable
V
IN
= 3.3V
I
L
= 1mA
I
L
= 100mA
C
OUT
= 1
μF
Start-Up Response
Time (
μs)
C
OUT
= 1
μF
T
r
& T
f
= 2.5
μs
0
-10
10
-20
20
Line Rejection I
L
= 1mA
Time (ms)
100
50
C
OUT
= 10
μF
C
OUT
= 1
μF
C
OUT
= 10
μF
C
OUT
= 1
μF
V
IN
= 5V
I
L
= 1mA to 50mA
0
Load Response
Time (ms)
I
L
= 100mA, C
OUT
= 1
μF
I
L
= 100mA, C
OUT
= 10
μF
No Load, C
OUT
= 10
μF
No Load, C
OUT
= 1
μF
Output Noise v Frequency
Frequency (Hz)
All Caps Ceramic
Surface Mount
I
L
= 50mA
C
OUT
= 1
μF
C
OUT
= 2.2
μF
C
OUT
= 10
μF
Power Supply Rejection v Frequency
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com