Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCL Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZXCL
Description  Micropower SC70-5 & SOT23-5 low dropout regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCL Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZXCL Datasheet HTML 5Page - Diodes Incorporated ZXCL Datasheet HTML 6Page - Diodes Incorporated ZXCL Datasheet HTML 7Page - Diodes Incorporated ZXCL Datasheet HTML 8Page - Diodes Incorporated ZXCL Datasheet HTML 9Page - Diodes Incorporated ZXCL Datasheet HTML 10Page - Diodes Incorporated ZXCL Datasheet HTML 11Page - Diodes Incorporated ZXCL Datasheet HTML 12Page - Diodes Incorporated ZXCL Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ZXCL SERIES
Issue 8 - October 2007
9
www.zetex.com
© Zetex Semiconductors plc 2007
Applications information
Enable control
A TTL compatible input is provided to allow the
regulator to be shut down. A low voltage on the
Enable pin puts the device into shutdown mode.
In this mode the regulator circuit is switched off
and the quiescent current reduces to virtually
zero (typically less than 10nA) for input voltages
above the minimum operating threshold of the
device. A high voltage on the Enable pin ensures
normal operation.
The Enable pin can be connected to VIN or
driven from an independent source of up to 10V
maximum.
(e.g.
CMOS
logic)
for
normal
operation. There is no clamp diode from the
Enable pin to VIN, so the VIN pin may be at any
voltage within its operating range irrespective
of the voltage on the Enable pin. However input
voltage rise time should be kept below 5ms to
ensure consistent start-up response.
Current Limit
The ZXCL devices include a current limit circuit
which restricts the maximum output current
flow to typically 230mA. Practically the range of
over-current should be considered as minimum
160mA to maximum 800mA. The device’s
robust design means that an output short circuit
to any voltage between ground and VOUT can be
tolerated for an indefinite period.
Thermal Overload
Thermal overload protection is included on
chip. When the device junction temperature
exceeds a minimum 125°C the device will shut
down. The sense circuit will re-activate the
output as the device cools. It will then cycle until
the overload is removed. The thermal overload
protection will be activated when high load
currents or high input to output voltage
differentials cause excess dissipation in the
device.
Start up delay
A small amount of hysteresis is provided on the
Enable pin to ensure clean switching. This
feature can be used to introduce a start up delay
if required. Addition of a simple RC network on
the Enable pin provides this function. The
following
diagram
illustrates
this
circuit
connection. The equation provided enables
calculation of the delay period.
Figure 1 Circuit Connection
Figure 2 Start up delay (Td)
R
C
Td
T
= RCIn
V
V
1.5
d(NOM)
IN
IN −
⎛
⎝
⎜
⎞
⎠
⎟
Calculation of start up delay as above



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com