Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCL Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXCL
Description  Micropower SC70-5 & SOT23-5 low dropout regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCL Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXCL Datasheet HTML 1Page - Diodes Incorporated ZXCL Datasheet HTML 2Page - Diodes Incorporated ZXCL Datasheet HTML 3Page - Diodes Incorporated ZXCL Datasheet HTML 4Page - Diodes Incorporated ZXCL Datasheet HTML 5Page - Diodes Incorporated ZXCL Datasheet HTML 6Page - Diodes Incorporated ZXCL Datasheet HTML 7Page - Diodes Incorporated ZXCL Datasheet HTML 8Page - Diodes Incorporated ZXCL Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ZXCL SERIES
Issue 8 - October 2007
4
www.zetex.com
© Zetex Semiconductors plc 2007
Electrical characteristics
VIN = VO = 0.5V, all values at TA = 25°C (Unless otherwise stated)
Device testing is performed at TA=25°C. Device thermal performance is guaranteed by design.
Note1: Maximum power dissipation is calculated assuming the device is mounted on a PCB measuring 2 inches square
Note2:Output voltage will start to rise when VIN exceeds a value or approximately 1.3V. For normal operation,
VIN(min) > VOUT(nom) + 0.5V.
Note3:Dropout voltage is defined as the difference between VIN and VO, when VO has dropped 100mV below its nominal
value. Nominal value of VO is defined at VIN=VO+0.5V.
Symbol Parameter
Conditions
Limits
Units
Min.
Typ.
Max.
VO
Output voltage
IO=1mA
-2%
+2%
V
IO=100mA
VO+0.5V < VIN < VIN max
-3%
+3%
V
VO/ T Output voltage
temperature
coefficient
-15
ppm/°C
IO(Max)
Output current
150
mA
XCL250/5213V25 only
100
IOLIM
Over current limit
160
800
mA
XCL250/5213V25 only
105
230
750
IO
Ground pin
current
No Load
25
50
A
IO=150mA
50
120
A
IO=100mA
40
100
A
VDO
Dropout voltage
note 3
IO=10mA
All variants
15
mV
IO=50mA
85
mV
IO=100mA ZXCL250 / 5213V25
163
325
mV
IO=100mA ZXCL260 / 5213V26
155
310
mV
IO=100mA ZXCL280 / 5213V28
140
280
mV
IO=100mA ZXCL300 / 5213V30
140
280
mV
IO=100mA ZXCL330 / 5213V33
140
280
mV
IO=100mA ZXCL400 / 5213V40
140
280
mV
VLNR
Line regulation
VIN=(VO+0.5V) to 5.5V, IO=1mA
0.02
0.1
%/V
VLDR
Load regulation
IO=1mA to 100mA
0.01
0.04
%/mA
EN
Output noise
voltage
f=10Hz to 100kHz, CO=10 F50
VRMS
VENHS
Enable pin
hysteresis
150
mV
IEN
Enable pin input
current
VEN=5.5V
100
nV
IOSD
Shutdown supply
current
VEN=0V
1
A
TSD
Thermal shutdown
temperature
125
165
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com