Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCL Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXCL
Description  Micropower SC70-5 & SOT23-5 low dropout regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCL Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXCL Datasheet HTML 1Page - Diodes Incorporated ZXCL Datasheet HTML 2Page - Diodes Incorporated ZXCL Datasheet HTML 3Page - Diodes Incorporated ZXCL Datasheet HTML 4Page - Diodes Incorporated ZXCL Datasheet HTML 5Page - Diodes Incorporated ZXCL Datasheet HTML 6Page - Diodes Incorporated ZXCL Datasheet HTML 7Page - Diodes Incorporated ZXCL Datasheet HTML 8Page - Diodes Incorporated ZXCL Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ZXCL SERIES
Issue 8 - October 2007
3
www.zetex.com
© Zetex Semiconductors plc 2007
Recommended operating conditions
* Output voltage will start to rise when VIN exceeds a value or approximately 1.3V. For normal operation,
VIN(min) > VOUT(nom) + 0.5V.
Pin description
Symbol
Parameter
Min
Max
Units
VIN
Input voltage range
2.0*
5.5
V
VENH
Enable pin logic level High pin
2.2
10
V
VENL
Enable pin logic level Low pin
0
0.8
V
TA
Ambient temperature range
-40
85
°C
Symbol
Parameter
VIN
Supply voltage
GND
Ground
EN
Active HIGH enable input. TTL/CMOS logic compatible. Connect to VIN
or logic high for normal operation
N/C
No connection
VO
Regulator output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com