Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCL Datasheet(PDF) 8 Page - Diodes Incorporated

Part # ZXCL
Description  Micropower SC70-5 & SOT23-5 low dropout regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCL Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button ZXCL Datasheet HTML 4Page - Diodes Incorporated ZXCL Datasheet HTML 5Page - Diodes Incorporated ZXCL Datasheet HTML 6Page - Diodes Incorporated ZXCL Datasheet HTML 7Page - Diodes Incorporated ZXCL Datasheet HTML 8Page - Diodes Incorporated ZXCL Datasheet HTML 9Page - Diodes Incorporated ZXCL Datasheet HTML 10Page - Diodes Incorporated ZXCL Datasheet HTML 11Page - Diodes Incorporated ZXCL Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ZXCL SERIES
Issue 8 - October 2007
8
www.zetex.com
© Zetex Semiconductors plc 2007
Scheme to boost output current to 2A
Input to Output Diode
In common with many other LDO regulators, the
ZXCL device has an inherent diode associated
with the output series pass transistor. This diode
has its anode connected to the output and its
cathode to the input. The internal diode is
normally reverse biased, but will conduct if the
output is forced above the input by more than a
VBE (approximately 0.6V). Current will then flow
from Vout to Vin. For safe operation, the
maximum current in this diode should be
limited to 5mA continuous and 30mA peak. An
external schottky diode may be used to provide
protection when this condition cannot be
satisfied.
Increased Output current
Any ZXCL series device may be used in
conjunction with an external PNP transistor to
boost the output current capability. In the
application circuit
shown below, a FMMT717
device is employed as the external pass
element. This SOT23 device can supply up to
2.5A maximum current subject to the thermal
dissipation limits of the package (625mW).
Alternative devices may be used to supply
higher levels of current. Note that with this
arrangement, the dropout voltage will be
increased by the VBE drop of the external device.
Also, care should be taken to protect the pass
transistor in the event of excessive output
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com