Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCL Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXCL
Description  Micropower SC70-5 & SOT23-5 low dropout regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCL Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXCL Datasheet HTML 1Page - Diodes Incorporated ZXCL Datasheet HTML 2Page - Diodes Incorporated ZXCL Datasheet HTML 3Page - Diodes Incorporated ZXCL Datasheet HTML 4Page - Diodes Incorporated ZXCL Datasheet HTML 5Page - Diodes Incorporated ZXCL Datasheet HTML 6Page - Diodes Incorporated ZXCL Datasheet HTML 7Page - Diodes Incorporated ZXCL Datasheet HTML 8Page - Diodes Incorporated ZXCL Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ZXCL SERIES
Issue 8 - October 2007
2
www.zetex.com
© Zetex Semiconductors plc 2007
Ordering information
Absolute maximum rating
Stresses beyond those listed under “Absolute maximum ratings” may cause permanent damage
to the device. These are stress ratings only, and functional operation of the device at these or any
other conditions beyond those indicated in the operational sections of the specifications is not
implied. Exposure to absolute maximum conditions for extended periods may affect device
reliability.
Order reference
Voltage
(V)
Package
Part
marking
Status
Reel size
(inches)
Tape
width
(mm)
Quantity
per reel
ZXCL250H5TA
2.5
SC70-5
L25A
Active
7
8
3000
ZXCL260H5TA
2.6
SC70-5
L26A
Active
7
8
3000
ZXCL280H5TA
2.8
SC70-5
L28A
Active
7
8
3000
ZXCL300H5TA
3.0
SC70-5
L30A
Active
7
8
3000
ZXCL330H5TA
3.3
SC70-5
L33A
Active
7
8
3000
ZXCL400H5TA
4.0
SC70-5
L40A
Obsolete
7
8
3000
ZXCL5213V25H5TA
2.5
SC70-5
L25C
Active
7
8
3000
ZXCL5213V26H5TA
2.6
SC70-5
L26C
Active
7
8
3000
ZXCL5213V28H5TA
2.8
SC70-5
L28C
Active
7
8
3000
ZXCL5213V30H5TA
3.0
SC70-5
L30C
Active
7
8
3000
ZXCL5213V33H5TA
3.3
SC70-5
L33C
Active
7
8
3000
ZXCL5213V40H5TA
4.0
SC70-5
L40C
Not rec.
for new
designs
7
8
3000
ZXCL250E5TA
2.5
SOT23-5
L25B
Active
7
8
3000
ZXCL260E5TA
2.6
SOT23-5
L26B
Active
7
8
3000
ZXCL280E5TA
2.8
SOT23-5
L28B
Active
7
8
3000
ZXCL300E5TA
3.0
SOT23-5
L30B
Active
7
8
3000
ZXCL330E5TA
3.3
SOT23-5
L33B
Active
7
8
3000
ZXCL400E5TA
4.0
SOT23-5
L40B
Obsolete
7
8
3000
Terminal Voltage with respect to GND
VIN
-0.3V to 7.0V
EN
-0.3V to 10V
VO
-0.3V to 5.5V
Package power dissipation (TA=25°C)
SC70-5
300mW (Note 1)
SOT23-5
450mW (Note 1)
Output short circuit duration
Infinite
Continuous power dissipation Internally limited
Operating temperature range -40°C to +85°C
Storage temperature range
-55°C to +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com