Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCL Datasheet(PDF) 11 Page - Diodes Incorporated

Part # ZXCL
Description  Micropower SC70-5 & SOT23-5 low dropout regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCL Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button ZXCL Datasheet HTML 6Page - Diodes Incorporated ZXCL Datasheet HTML 7Page - Diodes Incorporated ZXCL Datasheet HTML 8Page - Diodes Incorporated ZXCL Datasheet HTML 9Page - Diodes Incorporated ZXCL Datasheet HTML 10Page - Diodes Incorporated ZXCL Datasheet HTML 11Page - Diodes Incorporated ZXCL Datasheet HTML 12Page - Diodes Incorporated ZXCL Datasheet HTML 13Page - Diodes Incorporated ZXCL Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ZXCL SERIES
Issue 8 - October 2007
11
www.zetex.com
© Zetex Semiconductors plc 2007
S70-5 Package outline
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
Dim.
Millimeters
Inches
Dim.
Millimeters
Inches
Min.
Max.
Min.
Max.
Min.
Max.
Max.
Max.
A
0.80
1.10
0.0315
0.0433
E
2.10 BSC
0.0826 BSC
A1
-
0.10
-
0.0039
E1
1.25 BSC
0.0492 BSC
A2
0.80
1.00
0.0315
0.0039
e
0.65 BSC
0.0255 BSC
b
0.15
0.30
0.006
0.0118
e1
1.30 BSC
0.0511 BSC
C
0.08
0.25
0.0031
0.0098
L
0.26
0.46
0.010
0.018
D
2.00 BSC
0.0787 BSC
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com