Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1356 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXLD1356
Description  60V 550mA LED DRIVER with AEC-Q100
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1356 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXLD1356 Datasheet HTML 1Page - Diodes Incorporated ZXLD1356 Datasheet HTML 2Page - Diodes Incorporated ZXLD1356 Datasheet HTML 3Page - Diodes Incorporated ZXLD1356 Datasheet HTML 4Page - Diodes Incorporated ZXLD1356 Datasheet HTML 5Page - Diodes Incorporated ZXLD1356 Datasheet HTML 6Page - Diodes Incorporated ZXLD1356 Datasheet HTML 7Page - Diodes Incorporated ZXLD1356 Datasheet HTML 8Page - Diodes Incorporated ZXLD1356 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
ZXLD1356
ZXLD1356
Document number: DS33470 Rev. 3 - 2
5 of 29
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Device Description
The device, in conjunction with the coil (L1) and current sense resistor (RS), forms a self-oscillating continuous-mode buck
converter.
Device operation (refer to Figure 1 - Block diagram and Figure 2 Operating waveforms)
Figure 2. Theoretical Operating Waveforms
Operation can be best understood by assuming that the ADJ pin of the device is unconnected and the voltage on this pin (VADJ)
appears directly at the (+) input of the comparator.
When input voltage VIN is first applied, the initial current in L1 and RS is zero and there is no output from the current sense
circuit. Under this condition, the (-) input to the comparator is at ground and its output is high. This turns MN on and switches
the LX pin low, causing current to flow from VIN to ground, via RS, L1 and the LED(s). The current rises at a rate determined by
VIN and L1 to produce a voltage ramp (VSENSE) across RS. The supply referred voltage VSENSE is forced across internal resistor
R1 by the current sense circuit and produces a proportional current in internal resistors R2 and R3. This produces a ground
referred rising voltage at the (-) input of the comparator. When this reaches the threshold voltage (VADJ), the comparator output
switches low and MN turns off. The comparator output also drives another NMOS switch, which bypasses internal resistor R3 to
provide a controlled amount of hysteresis. The hysteresis is set by R3 to be nominally 15% of VADJ.
When MN is off, the current in L1 continues to flow via D1 and the LED(s) back to VIN. The current decays at a rate determined
by the LED(s) and diode forward voltages to produce a falling voltage at the input of the comparator. When this voltage returns
to VADJ, the comparator output switches high again. This cycle of events repeats, with the comparator input ramping between
limits of VADJ ± 15%.
0V
VIN
200mV
230mV
0V
SENSE voltage
VSENSE+
VSENSE-
Toff
Ton
170mV
0V
5V
VIN
0.15V
ADJ
0.15VADJ
IOUTnom
IOUTnom +15%
IOUTnom -15%
VADJ
LX voltage
Coil current
Comparator
input voltage
Comparator
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com